Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNBH26PQR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 28Page - STMicroelectronics LNBH26PQR Datasheet HTML 29Page - STMicroelectronics LNBH26PQR Datasheet HTML 30Page - STMicroelectronics LNBH26PQR Datasheet HTML 31Page - STMicroelectronics LNBH26PQR Datasheet HTML 32Page - STMicroelectronics LNBH26PQR Datasheet HTML 33Page - STMicroelectronics LNBH26PQR Datasheet HTML 34Page - STMicroelectronics LNBH26PQR Datasheet HTML 35Page - STMicroelectronics LNBH26PQR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Electrical characteristics
LNBH26
32/38
Doc ID 022771 Rev 1
Refer to
Section 5, TJ from 0 to 85 °C, All DATA 1..4 register bits set to “0” except
VSEL1 = 1, TEN=1, RSEL = 11 k
Ω, DSQIN = HIGH, VIN = 12 V, IOUT = 50 mA, unless
otherwise stated. Typical values are referred to TJ = 25 °C. VOUT = VOUT pin voltage. See
software description section for I²C access to the system register.
Note:
If the 22 kHz tone parameters are lower or higher than the above limits, the TMON I²C bit is
set to “1”.
Table 19.
22 kHz tone diagnostic (TMON-A/B bit, STATUS 2 register) characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ATH-L
Amplitude diagnostic low threshold DETIN pin AC coupled
200
300
400
mV
ATH-H
Amplitude diagnostic high
threshold
DETIN pin AC coupled
900
1100
1200
mV
FTH-L
Frequency diagnostic low
thresholds
DETIN pin AC coupled
13
16.5
20
kHz
FTH-H
Frequency diagnostic high
thresholds
DETIN pin AC coupled
24
29.5
38
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com