| Electronic Components Datasheet Search |
|
PCF8536AT Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 2 page ![]() www.nxp.com © 2011 NXP Semiconductors N.V. All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: November 2011 Document order number: 9397 750 17189 Printed in the Netherlands per`channel`allow`to`control`2`RGB`backlights`with`a`spectrum` of`more`than`2`million`colors.`Each`channel`can`also`be`used` for`static`LED`drive`or`as`logic`output. The`PCx8536`generates`the`drive`signals`for`any`multiplexed` LCD`containing`up`to`eight`backplanes,`up`to`44`segments,` and`up`to`320`elements.`4,`6,`or`8`backplanes`can`be`driven.` The`320`segments`can`include`up`to`40`seven-segment`digits,` up`to`20`fourteen-segment`alphanumeric`characters,`or`any` graphic`of`up`to`320`elements.`The`frame`frequency`can` be`programmed`in`the`range`of`60`to`300`Hz`in`steps`of`10` Hz.`The`reference`oscillator`is`factory`calibrated.`The`device` compensates`the`DC`offset`voltage`across`the`LCD`in`line` inversion`mode,`or`in`frame`inversion`mode`(selectable). The`LCD`supply`range`from`2.5`V,`for`use`with`low-threshold` LCDs,`up`to`9.0`V`for`high-threshold`TN`LCDs.`The`digital` power`supply`can`be`from`1.8`to`5.5`V,`and`the`logic`supply` can`be`separated`from`the`LCD`supply.`Also,`to`avoid`flicker` of`the`display,`the`PWM`and`LCD`frame`frequencies`can`be` set`independently.`Backplane`swapping`eases`PCB`design` by`making`it`possible`to`move`the`backplane`and`segment` outputs`from`one`side`to`the`other.` PCx8536AT (I2C version) block diagram Integrated PWM controller for LED backlighting and button lighting Ordering information PCx8536BT (SPI version) block diagram PWM Controller For LED Backlighting For LED Button Lighting VDD3 PWM 1 PWM 2 PWM 6 PCx8536 MCU VDD1 VDD2 Easy color mixing PWM 3 Larger current / higher voltage Each of the 6 PWM channels can be controlled independently NXP BC847 / BC857 PCA8536AT/Q900/1 Yes I2C-bus TSSOP56 SOT364-1 PCA8536BT/Q900/1 Yes SPI-bus TSSOP56 SOT364-1 PCF8536AT/1 - I2C-bus TSSOP56 SOT364-1 PCF8536BT/1 - SPI-bus TSSOP56 SOT364-1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |