| Electronic Components Datasheet Search |
|
PCF8536AT Datasheet(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT Datasheet(HTML) 1 Page - NXP Semiconductors |
|
1 / 2 page ![]() I2C/SPI LCD and PWM LED controller for industrial and automotive applications Key features ` ` Single-chip`320`segment`LCD`controller`and`driver ` ` 6-channel`PWM`generator`for`backlight`LED`illumination` ` ` AEC`Q100`compliant`for`automotive`applications`(PCA8536) ` ` Selectable`display`bias`configuration ` ` Wide`digital`supply`voltage`range:`1.8`to`5.5`V ` ` Wide`LCD`supply`voltage`range:`2.5`to`9.0`V ` ` Choice`of`serial`interface:`I2C`(PCx8536AT)`or`SPI` (PCx8536BT)` ` ` Low`power`consumption ` ` Operating`temp`up`to`85`°C`(PCF8536)`or`95`°C`(PCA8536) ` ` Silicon`gate`CMOS`process Applications ` ` Industrial`version`(PCF8536) -`White`goods -`Consumer`products ` ` Automotive`version`(PCA8536) -`Car`radio -`Climate`control -`Dashboard`display This`advanced,`highly`integrated`LCD`controller`drives`up`to`eight`backplanes,`up`to`44`segments,` and`up`to`320`elements,`and`provides`an`on-chip,`6-channel`PWM`controller`for`LED`illumination.` Compatible`with`most`MCUs,`it`simplifies`design,`reduces`power,`and`minimizes`communication` overhead. The`NXP`PCx8536`is`a`peripheral`device,`equipped`with`` a`low-power`serial`interface`(I2C-`or`SPI-bus),`that`controls`and` drives`almost`any`LCD`display`with`multiplex`rates`up`to`1:8.` The`device`is`available`in`two`types,`one`for`industrial` (PCF8536)`and`one`for`automotive`applications`(PCA8536).`` The`automotive`type`supports`an`extended`operating` temperature`range`up`to`95`°C,`and`is`AEC`Q100`compliant.` Both`types`are`also`compatible`with`most`microcontrollers`and` communicate`via`standard`serial`interfaces.`The`AT`versions` use`the`two-line`bidirectional`I2C-bus`(400`kHz),`while`the`BT` versions`use`the`three-line`unidirectional`SPI-bus`(5`MHz).` Communication`overheads`are`minimized`by`using`a`320-bit` display`RAM`with`auto-incremented`addressing. An`on-chip`PWM`controller`for`LED`backlight`illumination`` is`included.`The`PWM`has`six`outputs`with`7-bit`resolution`` (128`steps)`ideal`to`drive`external`transistors.`Up`to`six` independent`channels`can`be`configured.`The`128`levels`` NXP LCD driver PCA8536 and PCF8536 |
Similar Part No. - PCF8536AT |
|
Similar Description - PCF8536AT |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |