Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8536AT1 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # PCF8536AT1
Description  Universal LCD driver for low multiplex rates including a 6 channel PWM generator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT1 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button PCF8536AT1 Datasheet HTML 58Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 59Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 60Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 61Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 62Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 63Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 64Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 65Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
PCF8536
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 21 February 2012
62 of 74
NXP Semiconductors
PCF8536
Universal LCD low multiplex driver with 6 channel PWM generator
Fig 50. SPI-bus timing
013aaa476
b7
b6
b0
SDI
SCL
CE
70%
30%
tclk(L)
tf
th(CE_N)
trec(CE_N)
tr
th
tsu
tclk(H)
tSCL
tsu(CE_N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com