Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC817 Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC817
Description  DIP 4pin General Purpose Photocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC817 Datasheet HTML 3Page - Sharp Corporation PC817 Datasheet HTML 4Page - Sharp Corporation PC817 Datasheet HTML 5Page - Sharp Corporation PC817 Datasheet HTML 6Page - Sharp Corporation PC817 Datasheet HTML 7Page - Sharp Corporation PC817 Datasheet HTML 8Page - Sharp Corporation PC817 Datasheet HTML 9Page - Sharp Corporation PC817 Datasheet HTML 10Page - Sharp Corporation PC817 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Sheet No.: D2-A03101EN
Forward current IF (mA)
0
0
1
2
3
4
5
510
6
15
7mA
1mA
3mA
5mA
IC
=0.5mA
Ta
=25˚C
Fig.12 Collector-emitter Saturation Voltage
vs. Forward Current
5
5
5
5
5
5
80
60
40
20
0
−30
100
10−
5
10−
6
10−
7
10−
8
10−
9
10−
10
10−
11
Ambient temperature Ta (˚C)
VCE
=50V
Fig.11 Collector Dark Current vs. Ambient
Temperature
0%
150%
100%
50%
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
IF
=1mA,VCE=5V
IF
=5mA,VCE=5V
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
IF
=20mA
IC
=1mA
Ambient temperature Ta (˚C)
−40
0
−20
20
40
60
80
100
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
PC817X Series
50˚C
25˚C
0˚C
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
−25˚C
Ta
=75˚C
Forward voltage VF (V)
Fig.7 Forward Current vs. Forward Voltage
0
0
5
1
10
15
20
25
30
23456789
20mA
10mA
5mA
Collector-emitter voltage VCE (V)
IF=30mA
PC (MAX.)
Ta=25˚C
Fig.8 Collector Current vs. Collector-emitter
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com