Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC817 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC817
Description  DIP 4pin General Purpose Photocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817 Datasheet(HTML) 5 Page - Sharp Corporation

  PC817 Datasheet HTML 1Page - Sharp Corporation PC817 Datasheet HTML 2Page - Sharp Corporation PC817 Datasheet HTML 3Page - Sharp Corporation PC817 Datasheet HTML 4Page - Sharp Corporation PC817 Datasheet HTML 5Page - Sharp Corporation PC817 Datasheet HTML 6Page - Sharp Corporation PC817 Datasheet HTML 7Page - Sharp Corporation PC817 Datasheet HTML 8Page - Sharp Corporation PC817 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Sheet No.: D2-A03101EN
■ Model Line-up
Lead Form
Package
Through-Hole
PC817X
PC817X1
PC817X2
PC817X3
PC817X4
PC817X5
PC817X6
PC817X7
PC817X8
PC817X9
PC817X0
Wide Through-Hole
PC817XF
PC817XF1
PC817XF2
PC817XF3
PC817XF4
PC817XF5
PC817XF6
PC817XF7
PC817XF8
PC817XF9
PC817XF0
PC817XI
PC817XI1
PC817XI2
PC817XI3
PC817XI4
PC817XI5
PC817XI6
PC817XI7
PC817XI8
PC817XI9
PC817XI0
Taping
PC817XP
PC817XP1
PC817XP2
PC817XP3
PC817XP4
PC817XP5
PC817XP6
PC817XP7
PC817XP8
PC817XP9
PC817XP0
Wide SMT Gullwing
PC817XFP
−
−
−
−
−
−
−
−
−
−
Sleeve
2 000pcs/reel
100pcs/sleeve
SMT Gullwing
Model No.
IC [mA]
(IF
=5mA, VCE=5V, Ta=25˚C)
Rank mark
with or without
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
2.5 to 30.0
4.0 to 8.0
6.5 to 13.0
10.0 to 20.0
15.0 to 30.0
4.0 to 13.0
6.5 to 20.0
10.0 to 30.0
4.0 to 20.0
6.5 to 30.0
4.0 to 30.0
5
Please contact a local SHARP sales representative to inquire about production status and Lead-Free options.
PC817X Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com