Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLC95000CL Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # FXLC95000CL
Description  Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLC95000CL Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button FXLC95000CL Datasheet HTML 24Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 25Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 26Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 27Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 28Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 29Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 30Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 31Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Table 11. General timing characteristics (continued)
Characteristic
Symbol
Condition(s)1
Min
Typ
Max
Unit
Warm-up time
TWU
From STOP with No Clock
—
7
—
sample
periods
Frequency of operation
FOPH
Full-speed clock
—
16
—
MHz
FOPL
Slow-speed clock
—
62.5
—
KHz
System clock period
tCYCH
Full-speed clock
—
62.5
—
ns
tCYCL
Slow-speed clock
—
16
—
μs
Full/Slow clock ratio
—
—
—
256
—
Oscillator frequency absolute
accuracy @ 25°C
—
Full-speed clock
–5
—
+5
%
Oscillator frequency variation over
temperature
(–40°C to 85°C vs. ambient)
—
Slow-speed clock
–6
—
+6
%
Minimum RESET Assertion
Duration
tRA
—
4T3
—
—
—
1. All conditions at nominal supply: VDD = VDDA = 1.8 V and VDDIO = 3.3 V.
2. Time measured from VDD = VPOR until the internal reset signal is released.
3. T = Period of one system clock cycle. In full-speed mode, T is nominally 62.5 ns. In slow-speed mode, T is
nominally 16 μs.
5.11 Interfaces
The FXLC95000CL may be controlled via its included slave I2C module that can be
active 100% of the time. The FXLC95000 also includes a master I2C that should be
used only when the system clock is running at full speed. The master interface is
intended to be used to communicate with other, external sensors.
Figure 10. I2C standard and fast-mode timing
Mechanical and Electrical Specifications
28
Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform, Rev1.2, 8/2013.
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com