Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLC95000CL Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # FXLC95000CL
Description  Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLC95000CL Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button FXLC95000CL Datasheet HTML 30Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 31Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 32Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 33Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 34Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 35Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 36Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 37Page - Freescale Semiconductor, Inc FXLC95000CL Datasheet HTML 38Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
7 Revision History
Revision
number
Revision
date
Description
1.0
May 2013
Initial Public Release
1.1
August
2013
• Changed Zero-g level change versus temperature (TCOff) specification in Table 8
• Added RMS noise specification for ±2 g and ±8 g in Table 8
• Removed footnote in Table 9
• Restated non-linearity in different units (% FSR) in Table 9
1.2
August
2013
• Changed Zero-g level change versus temperature (TCOff) specification in Table 8.
• Changed Sensitivity TSENS specification in Table 9.
Revision History
Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform, Rev1.2, 8/2013.
37
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com