Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC821APW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 74LVC821APW
Description  10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC821APW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  74LVC821APW Datasheet HTML 1Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 2Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 3Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 4Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
9397 750 13276
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2004
4 of 20
Philips Semiconductors
74LVC821A
10-bit D-type flip-flop with 5 V tolerant inputs/outputs
Fig 4.
Logic diagram.
001aaa681
Q4
D4
Q3
D3
Q2
D2
Q1
D1
Q0
D0
D
FF1
Q
CP
CP
D
FF2
Q
CP
D
FF3
Q
CP
D
FF4
Q
CP
D
FF5
Q
CP
D
FF6
Q
CP
D
FF7
Q
CP
D
FF10
Q
CP
OE
Q5
D5
Q6
D6
Q9
D9
D
FF8
Q
CP
D
FF9
Q
CP
Q7
D7
Q8
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com