Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC821APW Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 74LVC821APW
Description  10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC821APW Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 74LVC821APW Datasheet HTML 3Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 4Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 9Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 10Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
9397 750 13276
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2004
7 of 20
Philips Semiconductors
74LVC821A
10-bit D-type flip-flop with 5 V tolerant inputs/outputs
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO24 package: above 70
°C derate linearly with 8 mW/K.
For SSOP24 and TSSOP24 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN24 package: above 60
°C derate linearly with 4.5 mW/K.
9.
Recommended operating conditions
10. Static characteristics
VO
output voltage
HIGH or LOW state
[1]
−0.5
VCC + 0.5 V
3-state
[1]
−0.5
+6.5
V
IO
output source or sink
current
VO = 0 V to VCC
-
±50
mA
ICC, IGND
VCC or GND current
-
±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C
[2] -
500
mW
Table 5:
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6:
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
for maximum speed
performance
2.7
-
3.6
V
for low-voltage
applications
1.2
-
3.6
V
VI
input voltage
0
-
5.5
V
VO
output voltage
HIGH or LOW state
0
-
VCC
V
3-state
0
-
5.5
V
Tamb
operating ambient
temperature
in free air
−40
-
+125
°C
tr, tf
input rise and fall times VCC = 1.2 V to 2.7 V
0
-
20
ns/V
VCC = 2.7 V to 3.6 V
0
-
10
ns/V
Table 7:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VIH
HIGH-level input voltage
VCC = 1.2 V
VCC
--V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
GND
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com