Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APA2613 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APA2613
Description  6W Stereo Class-D Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2613 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APA2613 Datasheet HTML 14Page - Anpec Electronics Coropration APA2613 Datasheet HTML 15Page - Anpec Electronics Coropration APA2613 Datasheet HTML 16Page - Anpec Electronics Coropration APA2613 Datasheet HTML 17Page - Anpec Electronics Coropration APA2613 Datasheet HTML 18Page - Anpec Electronics Coropration APA2613 Datasheet HTML 19Page - Anpec Electronics Coropration APA2613 Datasheet HTML 20Page - Anpec Electronics Coropration APA2613 Datasheet HTML 21Page - Anpec Electronics Coropration APA2613 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2012
www.anpec.com.tw
18
APA2613
Package Information
TSSOP-28P
Note : 1. Followed from JEDEC MO-153 AET.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side.
3. Dimension "E1" does not include inter-lead flash or protrusions.
Inter-lead flash and protrusions shall not exceed 10 mil per side.
S
Y
M
B
O
L
MIN.
MAX.
1.20
0.05
0.09
0.20
9.60
9.80
0.15
A
A1
c
D
E
e
L
MILLIMETERS
b
0.19
0.30
0.65 BSC
TSSOP-28P
0.45
0.75
0.026 BSC
MIN.
MAX.
INCHES
0.047
0.002
0.007
0.012
0.004
0.008
0.378
0.386
0.169
0.177
0.018
0.030
0
0.006
A2
0.80
1.05
4.30
4.50
E1
0.031
0.041
4.50
D1
0.177
E2
2.50
0.098
6.00
3.50
0.236
0.138
INCHES
8o
0o
8o
0o
VIEW A
SEATING PLANE
GAUGE PLANE
SEE VIEW A
b
c
e
L
EXPOS
ED PAD
D1
D
6.20
6.60
0.244
0.260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com