Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APA2613 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2613
Description  6W Stereo Class-D Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2613 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2613 Datasheet HTML 1Page - Anpec Electronics Coropration APA2613 Datasheet HTML 2Page - Anpec Electronics Coropration APA2613 Datasheet HTML 3Page - Anpec Electronics Coropration APA2613 Datasheet HTML 4Page - Anpec Electronics Coropration APA2613 Datasheet HTML 5Page - Anpec Electronics Coropration APA2613 Datasheet HTML 6Page - Anpec Electronics Coropration APA2613 Datasheet HTML 7Page - Anpec Electronics Coropration APA2613 Datasheet HTML 8Page - Anpec Electronics Coropration APA2613 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2012
www.anpec.com.tw
4
APA2613
Electrical Characteristics
APA2613
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCLAMP
Regulated Voltage
IO=2mA, VDD=8~26V
TJ = -40
oC ~ 125oC
4.5
5
5.5
V
VO
Maximum Output Voltage
Under PLIMIT Control
VPLIMIT = 1V, Vl = 1Vrms
4.6
5.5
6.1
TSD(ON)
Shutdown Turn-On Time
SD =2.2V
-
16
-
ms
TSD(OFF)
Shutdown Turn-Off Time
SD =0.8V
-
2
-
µs
IDD
Quiescent Supply Current
No Load
-
20
35
mA
ISD
Quiescent Supply Current in
shutdown mode
SD = 0V
-
10
100
II
Input Current
SD , GAIN0, GAIN1, MONO
-
5
50
µA
FOSC
Internal Oscillator Frequency
400
500
600
kHz
RDSON
Static Drain-Source On-State
Resistance
VDD = 12V, IL= 0.5A
-
400
-
m
Ω
Gain 0 = 0, Gain 1 = 0
-
20
-
Gain 0 = 1, Gain 1 = 0
-
26
-
Gain 0 = 0, Gain 1 = 1
-
32
-
AV
Gain
Gain 0 = 1, Gain 1 = 1
-
36
-
dB
V
DD=12V, GND=0V, AV=36dB, TA= 25
οC (unless otherwise noted).
APA2613
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD = 24V, TA = 25°
C
Crosstalk
Channel Separation
VO=1Vrms, FIN =1kHz, Gain=20dB
-
-85
-
dB
SNR
Signal-To-Noise Ratio
Maximum output at THD+N<1%,
FIN=1kHz, Gain = 20dB, A-weighted
-
95
-
Attshutdown
Shutdown Attenuation
FIN=1kHz, RL = 8
Ω, V
in = 1VPP
-
-100
-
dB
I VOS I
Offset Voltage
AV=20dB
-
-
15
mV
Vn
Noise Output Voltage
With A-weighted Filter (AV = 20dB)
-
120
-
µV
(rms)
VDD = 12V TA = 25°
C
THD+N = 1%
FIN=1kHz
RL=8
Ω
-
7
-
PO
Output Power
THD+N = 10%
FIN=1kHz
RL=8
Ω
-
8.5
-
W
THD+N
Total Harmonic Distortion Plus Noise
FIN=1kHz
RL = 8
Ω
PO = 4W
-
0.1
-
%
Crosstalk
Channel Separation
VO=1Vrms, FIN =1kHz, Gain=20dB
-
-90
-
SNR
Signal-To-Noise Ratio
Maximum output at THD+N<1%,
FIN=1kHz, Gain = 20dB, A-weighted
-
95
-
Attshutdown
Shutdown Attenuation
FIN=1kHz, RL = 8
Ω, V
in = 1VPP
-
-100
-
dB
I VOS I
Offset Voltage
AV=20dB
-
-
15
mV
Vn
Noise Output Voltage
With A-weighted Filter (AV = 20dB)
-
120
-
µV (rms)
V
DD=12V, GND=0V, AV=36dB, TA= 25
οC (unless otherwise noted).
Stereo Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com