Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JANS2N2907AUB Datasheet(PDF) 10 Page - STMicroelectronics

Part # JANS2N2907AUB
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JANS2N2907AUB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button JANS2N2907AUB Datasheet HTML 6Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 7Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 8Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 9Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 10Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 11Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 12Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 13Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Radiation hardness assurance
2N2907AHR
10/21
DocID15382 Rev 6
ESCC radiation assurance
Each product lot is tested according to the ESCC basic specification 22900, with a minimum
of 11 samples per diffusion lot and 5 samples per wafer, one sample being kept as
unirradiated sample, all of them being fully compliant with the applicable ESCC generic
and/or detailed specification.
ST goes beyond the ESCC specification by performing the following procedure:
–
Test of 11 pieces by wafer, 5 biased at least 80% of V
(BR)CEO
, 5 unbiased and 1
kept for reference
–
Irradiation at 0.1 rad (Si)/s
–
Acceptance criteria of each individual wafer if as 100 krad guaranteed if all 10
samples comply with the post radiation electrical characteristics provided in
Table 8.
Delivery together with the parts of the radiation verification test (RVT) report of the particular
wafer used to manufacture the products. This RVT includes the value of each parameter at
30, 50, 70 and 100 krad (Si) and after 24 hour annealing at room temperature and after an
additional 168 hour annealing at 100°C.
Table 7. Radiation summary
Radiation test
100 krad “SW”
100 krad ESCC
Wafer test
each
each
Part tested
5 biased
5 biased + 5 unbiased
Dose rate
0.1 rad/s
0.1 rad/s
Acceptance
Fixed values
(1)
1.
Part numbers with suffix "SW" have same pre and post irradiation electrical characteristics.
Part number with suffix "SW35" have specific post irradiation electrical characteristics.
MIL-STD-750 method 1019
Displacement damage
Optional
Optional
Agency part number (ex)
5202/001/04
(2)
2.
Example of the 2N2907A in LCC-3 Gold finish.
5202/001/04R
(2)
ST part number (ex)
SOC2N2907ASW35
(1)
SOC2N2907ARHRG
Documents
CoC + RVT
CoC + RVT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com