Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JANS2N2907AUB Datasheet(PDF) 4 Page - STMicroelectronics

Part # JANS2N2907AUB
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JANS2N2907AUB Datasheet(HTML) 4 Page - STMicroelectronics

  JANS2N2907AUB Datasheet HTML 1Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 2Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 3Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 4Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 5Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 6Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 7Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 8Page - STMicroelectronics JANS2N2907AUB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
2N2907AHR
4/21
DocID15382 Rev 6
2
Electrical characteristics(a)
JANS and ESCC version of the products are assembled and tested in compliance with the
agency specification it is qualified in. The electrical characteristics of each version are
provided in dedicated tables.
T
case
= 25 °C unless otherwise specified.
2.1
JANS electrical characteristics
a.
For PNP type, voltage and current values are negative.
Table 4. JANS electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
CBO
Collector cut-off
current (I
E
= 0)
V
CB
= 60 V
-
10
μA
V
CB
= 50 V
10
nA
V
CB
= 50 V, T
amb
= 150 °C
10
μA
I
CES
Collector cut-off
current
(I
E
= 0)
V
CE
= 50 V
-
50
nA
I
EBO
Emitter cut-off current
(I
C
= 0)
V
EB
= 5 V
-
10
μA
V
EB
= 4 V
50
nA
V
(BR)CEO
(1)
Collector-emitter
breakdown voltage
(I
B
= 0)
I
C
= 10 mA
60
-
V
V
CE(sat)
(1)
Collector-emitter
saturation voltage
I
C
= 150 mA, I
B
= 15 mA
-
0.4
V
I
C
= 500 mA, I
B
= 50 mA
1.6
V
V
BE(sat)
(1)
Base-emitter
saturation voltage
I
C
= 150 mA, I
B
= 15 mA
0.6
1.3
V
I
C
= 500 mA, I
B
= 50 mA
2.6
V
h
FE
(1)
DC current gain
I
C
= 0.1 mA, V
CE
= 10 V
75
-
I
C
= 1 mA, V
CE
= 10 V
100
450
I
C
= 10 mA, V
CE
= 10 V
100
I
C
= 150 mA, V
CE
= 10 V
100
300
I
C
= 500 mA, V
CE
= 10 V
50
I
C
= 10 mA, V
CE
= 10 V
T
amb
= -55 °C
50
h
fe
Small signal current
gain
V
CE
= 20 V
I
C
= 20 mA
f = 100 MHz
2-
V
CE
= 10 V, I
C
=1 mA f = 1 kHz
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com