Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3010DBRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM3010DBRG4
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3010DBRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM3010DBRG4 Datasheet HTML 17Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 18Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 19Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 20Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 21Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 22Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 23Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 24Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
PCM3010
SLES055 – NOVEMBER 2002
21
www.ti.com
Frequency [
fS]
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
012
345
678
AMPLITUDE
vs
FREQUENCY
Jitter – ps
90
95
100
105
110
115
120
125
0
100
200
300
400
500
600
DYNAMIC RANGE
vs
JITTER
Figure 42. Quantization Noise Spectrum
(
64 Oversampling)
Figure 43. Jitter Dependence
(
64 Oversampling)
system clock
The system clock for the PCM3010 must be 128 fS, 192 fS, 256 fS, 384 fS, 512 fS or 768 fS, where fS is the audio
sampling rate, 16 kHz to 192 kHz. The PCM3010 detects 128 fS, 192 fS, 256 fS, 384 fS, 512 fS or 768 fS
automatically with the built-in circuit. Operation at the 192-kHz sampling rate is available on the DAC only, and
when a system clock of 128 fS or 192 fS is detected, the ADC is disabled (DOUT = LOW). Table 1 lists the typical
system clock frequency, and Figure 44 illustrates the system clock timing.
Table 1. Typical System Clock
SAMPLING RATE
SYSTEM CLOCK FREQUENCY – MHz
FREQUENCY (fS) – LRCK
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
32 kHz
–
–
8.192
12.288
16.384
24.576
44.1 kHz
–
–
11.2896
16.9344
22.5792
33.8688
48 kHz
–
–
12.288
18.432
24.576
36.864
96 kHz
–
–
24.576
36.864
49.152
–
192 kHz
24.576†
36.864†
–
–
–
–
† DAC only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com