Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3010DBRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM3010DBRG4
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3010DBRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM3010DBRG4 Datasheet HTML 3Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 4Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 5Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 6Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 7Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 8Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 9Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 10Page - Texas Instruments PCM3010DBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
PCM3010
SLES055 – NOVEMBER 2002
7
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V,
fS = 44.1 kHz, SCKI = 384 fS, 24-bit data (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
PCM3010DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACCURACY
Gain mismatch, channel-to-channel
1 kHz, full-scale input
±1
±6 % of FSR
Gain error
1 kHz, full-scale input
±2
±6 % of FSR
DYNAMIC PERFORMANCE (see Note 4)
THD N V
05 dB
fS = 44.1 kHz
–95
–86
dB
THD+N VIN = –0.5 dB
fS = 96 kHz
–92
dB
THD+N V
60 dB
fS = 44.1 kHz
–39
dB
THD+N VIN = –60 dB
fS = 96 kHz
–40
dB
Dynamic range
fS = 44.1 kHz, A-weighted
97
102
dB
Dynamic range
fS = 96 kHz, A-weighted
102
dB
S/N ratio
fS = 44.1 kHz, A-weighted
95
100
dB
S/N ratio
fS = 96 kHz, A-weighted
102
dB
Channel separation
fS = 44.1 kHz
93
98
dB
Channel separation
fS = 96 kHz
100
dB
ANALOG INPUT
Input voltage
60% of VCC1
Vp–p
Center voltage
50% of VCC1
V
Input impedance
20
k
Ω
Anti-aliasing filter frequency response
–3 dB
300
kHz
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
Delay time
17.4/fS
sec
HPF frequency response
–3 dB
0.019 fS
mHz
DAC CHARACTERISTICS
Resolution
24
Bits
DC ACCURACY
Gain mismatch, channel-to-channel
±1.0
±4.0 % of FSR
Gain error
±2.0
±6.0 % of FSR
Bipolar zero error
±1.0
% of FSR
DYNAMIC PERFORMANCE (see Note 5)
fS = 44.1 kHz
–96
–88
THD+N, VOUT = 0 dB
fS = 96 kHz
–97
dB
THD+N, VOUT 0 dB
fS = 192 kHz
–97
dB
NOTES:
4. fIN = 1 kHz, using System Two audio measurement system, RMS mode with 20-kHz LPF, 400-Hz HPF in calculation.
5. fOUT = 1 kHz, using System Two audio measurement system, RMS mode with 20-kHz LPF, 400-Hz HPF.
System Two is a trademark of Audio Precision, Inc.
All other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com