| Electronic Components Datasheet Search |
|
PIC16F636EST Datasheet(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F636EST Datasheet(HTML) 73 Page - Microchip Technology |
|
73 / 234 page ![]() © 2007 Microchip Technology Inc. DS41232D-page 71 PIC12F635/PIC16F636/639 7.0 COMPARATOR MODULE Comparators are used to interface analog circuits to a digital circuit by comparing two analog voltages and providing a digital indication of their relative magnitudes. The comparators are very useful mixed signal building blocks because they provide analog functionality independent of the program execution. The Analog Comparator module includes the following features: • Dual comparators (PIC16F636/639 only) • Multiple comparator configurations • Comparator(s) output is available internally/externally • Programmable output polarity • Interrupt-on-change • Wake-up from Sleep • Timer1 gate (count enable) • Output synchronization to Timer1 clock input • Programmable voltage reference 7.1 Comparator Overview A comparator is shown in Figure 7-1 along with the relationship between the analog input levels and the digital output. When the analog voltage at VIN+ is less than the analog voltage at VIN-, the output of the comparator is a digital low level. When the analog voltage at VIN+ is greater than the analog voltage at VIN-, the output of the comparator is a digital high level. The PIC12F635 contains a single comparator as shown in Figure 7-2. The PIC16F636/639 devices contains two comparators as shown in Figure 7-3 and Figure 7-4. The comparators are not independently configurable. FIGURE 7-1: SINGLE COMPARATOR FIGURE 7-2: COMPARATOR OUTPUT BLOCK DIAGRAM (PIC12F635) – + VIN+ VIN- Output Output VIN+ VIN- Note: The black areas of the output of the comparator represents the uncertainty due to input offsets and response time. CMSYNC DQ EN To COUT pin RD CMCON0 Set CMIF bit Q3*RD CMCON0 Reset To Data Bus CINV Timer1 clock source(1) 0 1 To Timer1 Gate Note 1: Comparator output is latched on falling edge of Timer1 clock source. 2: Q1 and Q3 are phases of the four-phase system clock (FOSC). 3: Q1 is held high during Sleep mode. DQ DQ EN CL Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |