| Electronic Components Datasheet Search |
|
PIC16F636EST Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F636EST Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 234 page ![]() © 2007 Microchip Technology Inc. DS41232D-page 13 PIC12F635/PIC16F636/639 TABLE 1-2: PIC16F636 PINOUT DESCRIPTIONS Name Function Input Type Output Type Description RA0/C1IN+/ICSPDAT/ULPWU RA0 TTL — General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up/pull-down. Selectable Ultra Low-Power Wake-up pin. C1IN+ AN — Comparator 1 input – positive. ICSPDAT TTL CMOS Serial programming data I/O. ULPWU AN — Ultra Low-Power Wake-up input. RA1/C1IN-/VREF/ICSPCLK RA1 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up/pull-down. C1IN- AN — Comparator 1 input – negative. VREF AN — External voltage reference ICSPCLK ST — Serial programming clock. RA2/T0CKI/INT/C1OUT RA2 ST CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up/pull-down. T0CKI ST — External clock for Timer0. INT ST — External interrupt. C1OUT — CMOS Comparator 1 output. RA3/MCLR/VPP RA3 TTL — General purpose input. Individually controlled interrupt-on-change. MCLR ST — Master Clear Reset. Pull-up enabled when configured as MCLR. VPP HV — Programming voltage. RA4/T1G/OSC2/CLKOUT RA4 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up/pull-down. T1G ST — Timer1 gate. OSC2 — XTAL XTAL connection. CLKOUT — CMOS TOSC/4 reference clock. RA5/T1CKI/OSC1/CLKIN RA5 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up/pull-down. T1CKI ST — Timer1 clock. OSC1 XTAL — XTAL connection. CLKIN ST — TOSC reference clock. RC0/C2IN+ RC0 TTL CMOS General purpose I/O. C2IN+ AN — Comparator 1 input – positive. RC1/C2IN- RC1 TTL CMOS General purpose I/O. C2IN- AN — Comparator 1 input – negative. RC2 RC2 TTL CMOS General purpose I/O. RC3 RC3 TTL CMOS General purpose I/O. RC4/C2OUT RC4 TTL CMOS General purpose I/O. C2OUT — CMOS Comparator 2 output. RC5 RC5 TTL CMOS General purpose I/O. VDD VDD D — Power supply for microcontroller. VSS VSS D — Ground reference for microcontroller. Legend: AN = Analog input or output CMOS = CMOS compatible input or output D = Direct HV = High Voltage ST = Schmitt Trigger input with CMOS levels TTL = TTL compatible input XTAL = Crystal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |