Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4680IPQTP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18F4680IPQTP
Description  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680IPQTP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18F4680IPQTP Datasheet HTML 48Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 49Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 50Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 51Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 52Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 53Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 54Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 55Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 50
Preliminary
© 2007 Microchip Technology Inc.
BSR
2585 2680 4585 4680
---- 0000
---- 0000
---- uuuu
INDF2
2585 2680 4585 4680
N/A
N/A
N/A
POSTINC2
2585 2680 4585 4680
N/A
N/A
N/A
POSTDEC2
2585 2680 4585 4680
N/A
N/A
N/A
PREINC2
2585 2680 4585 4680
N/A
N/A
N/A
PLUSW2
2585 2680 4585 4680
N/A
N/A
N/A
FSR2H
2585 2680 4585 4680
---- 0000
---- 0000
---- uuuu
FSR2L
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
2585 2680 4585 4680
---x xxxx
---u uuuu
---u uuuu
TMR0H
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
TMR0L
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
2585 2680 4585 4680
1111 1111
1111 1111
uuuu uuuu
OSCCON
2585 2680 4585 4680
0100 q000
0100 00q0
uuuu uuqu
HLVDCON
2585 2680 4585 4680
0-00 0101
0-00 0101
0-uu uuuu
WDTCON
2585 2680 4585 4680
---- ---0
---- ---0
---- ---u
RCON(4)
2585 2680 4585 4680
0q-1 11q0
0q-q qquu
uq-u qquu
TMR1H
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
2585 2680 4585 4680
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
PR2
2585 2680 4585 4680
1111 1111
1111 1111
1111 1111
T2CON
2585 2680 4585 4680
-000 0000
-000 0000
-uuu uuuu
SSPBUF
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPADD
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
SSPCON1
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
SSPCON2
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
ADRESH
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
2585 2680 4585 4680
--00 0000
--00 0000
--uu uuuu
ADCON1
2585 2680 4585 4680
--00 0qqq
--00 0qqq
--uu uuuu
ADCON2
2585 2680 4585 4680
0-00 0000
0-00 0000
u-uu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com