Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4680IPQTP Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC18F4680IPQTP
Description  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680IPQTP Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC18F4680IPQTP Datasheet HTML 49Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 50Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 51Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 52Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 53Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 54Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 55Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 56Page - Microchip Technology PIC18F4680IPQTP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 51
PIC18F2585/2680/4585/4680
CCPR1H
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
2585 2680 4585 4680
--00 0000
--00 0000
--uu uuuu
ECCPR1H
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
ECCPR1L
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
ECCP1CON
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
BAUDCON
2585 2680 4585 4680
01-0 0-00
01-0 0-00
--uu uuuu
ECCP1DEL
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
ECCP1AS
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
CVRCON
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
CMCON
2585 2680 4585 4680
0000 0111
0000 0111
uuuu uuuu
TMR3H
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
2585 2680 4585 4680
0000 0000
uuuu uuuu
uuuu uuuu
SPBRGH
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
SPBRG
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RCREG
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
TXREG
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
TXSTA
2585 2680 4585 4680
0000 0010
0000 0010
uuuu uuuu
RCSTA
2585 2680 4585 4680
0000 000x
0000 000x
uuuu uuuu
EEADRH
2585 2680 4585 4680
---- --00
---- --00
---- --uu
EEADR
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
EEDATA
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
EECON2
2585 2680 4585 4680
0000 0000
0000 0000
0000 0000
EECON1
2585 2680 4585 4680
xx-0 x000
uu-0 u000
uu-0 u000
IPR3
2585 2680 4585 4680
1111 1111
1111 1111
uuuu uuuu
PIR3
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
PIE3
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
IPR2
2585 2680 4585 4680
11-1 1111
11-1 1111
uu-u uuuu
2585 2680 4585 4680
1--1 111-
1--1 111-
u--u uuu-
PIR2
2585 2680 4585 4680
00-0 0000
00-0 0000
uu-u uuuu(1)
2585 2680 4585 4680
0--0 000-
0--0 000-
u--u uuu-(1)
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com