Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3F75A Datasheet(PDF) 45 Page - Numonyx B.V

Part # JS28F320J3F75A
Description  Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75A Datasheet(HTML) 45 Page - Numonyx B.V

Back Button JS28F320J3F75A Datasheet HTML 41Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 42Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 43Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 44Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 45Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 46Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 47Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 48Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Jan 2011
Datasheet
208032-03
45
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
9.8.8
VPEN Protection
When it’s necessary to protect the entire array, global protection can be achieved using
a hardware mechanism using VPEN. Whenever a valid voltage is present on VPEN,
blocks within the main flash array can be erased or programmed. By grounding VPEN,
blocks within the main array cannot be altered – attempts to program or erase blocks
will fail resulting in the setting of the appropriate error bit in the Status Register. By
holding VPEN low, absolute write protection of all blocks in the array can be achieved.
Table 31: Word-Wide Protection Register Addressing
Word
Use
A8
A7A6
A5A4
A3A2A1
LOCK
Both
10
00
00
00
0
Factory
10
00
00
01
1
Factory
10
00
00
10
2
Factory
10
00
00
11
3
Factory
10
00
01
00
4
User
1
00
00
10
1
5
User
1
00
00
11
0
6
User
1
00
00
11
1
7
User
1
00
01
00
0
Note:
All address lines not specified in the above table must be 0 when accessing the Protection Register (i.e., A[MAX:9] = 0.)
Table 32: Byte-Wide Protection Register Addressing
Byte
Use
A8
A7A6A5A4
A3A2A1
A0
LOCK
Both
1
000
000
00
LOCK
Both
1
000
000
01
0
Factory
1
000
000
10
1
Factory
1
000
000
11
2
Factory
1
000
001
00
3
Factory
1
000
001
01
4
Factory
1
000
001
10
5
Factory
1
000
001
11
6
Factory
1
000
010
00
7
Factory
1
000
010
01
8
User
1
000
010
10
9
User
1
000
010
11
A
User
1
000
011
00
B
User
1
000
011
01
C
User
1
000
011
10
D
User
1
000
011
11
E
User
1
000
100
00
F
User
1
000
100
01
Note:
All address lines not specified in the above table must be 0 when accessing the Protection Register, i.e., A[MAX:9] = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com