Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3F75A Datasheet(PDF) 25 Page - Numonyx B.V

Part # JS28F320J3F75A
Description  Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3F75A Datasheet(HTML) 25 Page - Numonyx B.V

Back Button JS28F320J3F75A Datasheet HTML 21Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 22Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 23Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 24Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 25Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 26Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 27Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 28Page - Numonyx B.V JS28F320J3F75A Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Jan 2011
Datasheet
208032-03
25
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Notes:
1.
CEX low is defined as the combination of pins CE0, CE1, and CE2 that enable the device. CEX high is defined as the
combination of pins CE0, CE1, and CE2 that disable the device (see
Table 17, “Chip Enable Truth Table for 32-
, 64-, 128-Mb” on page 30).
2.
When reading the flash array a faster tGLQV (R16) applies. For non-array reads, R4 applies (i.e., Status Register reads,
query reads, or device identifier reads).
Notes:
1.
CEX low is defined as the combination of pins CE0, CE1, and CE2 that enable the device. CEX high is defined as the
combination of pins CE0, CE1, and CE2 that disable the device (see
Table 17, “Chip Enable Truth Table for 32-
, 64-, 128-Mb” on page 30).
2.
In this diagram, BYTE# is asserted high.
Figure 8: Single-Word Asynchronous Read Waveform
Address [A]
R2
R1
R3
R4
R7
R6
R5
CEx [E]
OE # [G]
WE# [W]
DQ[15:0] [Q]
BYTE# [F]
RP# [P ]
R11
R12
R8
R9
R10
R13
Figure 9: 8-Word Asynchronous Page Mode Read
A[MAX :4] [A]
000
111
1
2
8
7
R2
R1
R3
R4
R7
R6
R5
R10
R15
R10
R9
R8
A[3:1] [A]
CEx [E]
OE # [G]
WE# [W]
DQ[15:0] [Q]
RP# [P]
BYTE # [F]
001
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com