Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1508TESSQTO Datasheet(PDF) 270 Page - Microchip Technology

Part # PIC16LF1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1508TESSQTO Datasheet(HTML) 270 Page - Microchip Technology

Back Button PIC16LF1508TESSQTO Datasheet HTML 266Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 267Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 268Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 269Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 270Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 271Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 272Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 273Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 274Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 384 page
background image
PIC16(L)F1508/9
DS41609A-page 270
Preliminary
 2011 Microchip Technology Inc.
REGISTER 23-2:
PWMxDCH: PWM DUTY CYCLE HIGH BITS
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
PWMxDCH<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
PWMxDCH<7:0>:
PWM Duty Cycle Most Significant bits
These bits are the MSbs of the PWM duty cycle. The two LSbs are found in the PWMxDCL register.
REGISTER 23-3:
PWMxDCL: PWM DUTY CYCLE LOW BITS
R/W-x/u
R/W-x/u
U-0
U-0
U-0
U-0
U-0
U-0
PWMxDCL<7:6>
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
PWMxDCL<7:6>:
PWM Duty Cycle Least Significant bits
These bits are the LSbs of the PWM duty cycle. The MSbs are found in the PWMxDCH register.
bit 5-0
Unimplemented:
Read as ‘0’
TABLE 23-3:
SUMMARY OF REGISTERS ASSOCIATED WITH PWM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
PR2
Timer2 module Period Register
179*
PWM1CON
PWM1EN
PWM1OE
PWM1OUT
PWM1POL
—
—
—
—
269
PWM1DCH
PWM1DCH<7:0>
270
PWM1DCL
PWM1DCL<7:6>
—
—
—
—
—
—
270
PWM2CON
PWM2EN
PWM2OE
PWM2OUT
PWM2POL
—
—
—
—
270
PWM2DCH
PWM2DCH<7:0>
270
PWM2DCL
PWM2DCL<7:6>
—
—
—
—
—
—
270
PWM3CON
PWM3EN
PWM3OE
PWM3OUT
PWM3POL
—
—
—
—
269
PWM3DCH
PWM3DCH<7:0>
270
PWM3DCL
PWM3DCL<7:6>
—
—
—
—
—
—
270
PWM4CON
PWM4EN
PWM4OE
PWM4OUT
PWM4POL
—
—
—
—
269
PWM4DCH
PWM4DCH<7:0>
270
PWM4DCL
PWM4DCL<7:6>
—
—
—
—
—
—
270
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
181
TMR2
Timer2 module Register
179*
TRISA
—
—
TRISA5
TRISA4
—(1)
TRISA2
TRISA1
TRISA0
114
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
122
Legend:
- = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the PWM.
*
Page provides register information.
Note
1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com