Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1508TESSQTO Datasheet(PDF) 274 Page - Microchip Technology

Part # PIC16LF1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1508TESSQTO Datasheet(HTML) 274 Page - Microchip Technology

Back Button PIC16LF1508TESSQTO Datasheet HTML 270Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 271Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 272Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 273Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 274Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 275Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 276Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 277Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 278Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 384 page
background image
PIC16(L)F1508/9
DS41609A-page 274
Preliminary
 2011 Microchip Technology Inc.
24.1.5
CLCx SETUP STEPS
The following steps should be followed when setting up
the CLCx:
• Disable CLCx by clearing the LCxEN bit.
• Select desired inputs using CLCxSEL0 and
CLCxSEL1 registers (See Table 24-1).
• Clear any associated ANSEL bits.
• Set all TRIS bits associated with inputs.
• Clear all TRIS bits associated with outputs.
• Enable the chosen inputs through the four gates
using CLCxGLS0, CLCxGLS1, CLCxGLS2, and
CLCxGLS3 registers.
• Select the gate output polarities with the
LCxPOLy bits of the CLCxPOL register.
• Select the desired logic function with the
LCxMODE<2:0> bits of the CLCxCON register.
• Select the desired polarity of the logic output with
the LCxPOL bit of the CLCxPOL register. (This
step may be combined with the previous gate out-
put polarity step).
• If driving the CLCx pin, set the LCxOE bit of the
CLCxCON register and also clear the TRIS bit
corresponding to that output.
• If interrupts are desired, configure the following
bits:
- Set the LCxINTP bit in the CLCxCON register
for rising event.
- Set the LCxINTN bit in the CLCxCON
register or falling event.
- Set the CLCxIE bit of the associated PIE
registers.
- Set the GIE and PEIE bits of the INTCON
register.
• Enable the CLCx by setting the LCxEN bit of the
CLCxCON register.
24.2
CLCx Interrupts
An interrupt will be generated upon a change in the
output value of the CLCx when the appropriate interrupt
enables are set. A rising edge detector and a falling
edge detector are present in each CLC for this purpose.
The CLCxIF bit of the associated PIR registers will be
set when either edge detector is triggered and its asso-
ciated enable bit is set. The LCxINTP enables rising
edge interrupts and the LCxINTN bit enables falling
edge interrupts. Both are located in the CLCxCON reg-
ister.
To fully enable the interrupt, set the following bits:
• LCxON bit of the CLCxCON register
• CLCxIE bit of the associated PIE registers
• LCxINTP bit of the CLCxCON register (for a rising
edge detection)
• LCxINTN bit of the CLCxCON register (for a fall-
ing edge detection)
• PEIE and GIE bits of the INTCON register
The CLCxIF bit of the associated PIR registers, must
be cleared in software as part of the interrupt service. If
another edge is detected while this flag is being
cleared, the flag will still be set at the end of the
sequence.
24.3
Output Mirror Copies
Mirror copies of all LCxCON output bits are contained
in the CLCxDATA register. Reading this register reads
the outputs of all CLCs simultaneously. This prevents
any reading skew introduced by testing or reading the
CLCxOUT bits in the individual CLCxCON registers.
24.4
Effects of a Reset
The CLCxCON register is cleared to zero as the result
of a Reset. All other selection and gating values remain
unchanged.
24.5
Operation During Sleep
The CLC module operates independently from the
system clock and will continue to run during Sleep,
provided that the input sources selected remain active.
The HFINTOSC remains active during Sleep when the
CLC module is enabled and the HFINTOSC is
selected as an input source, regardless of the system
clock source selected.
In other words, if the HFINTOSC is simultaneously
selected as the system clock and as a CLC input
source, when the CLC is enabled, the CPU will go idle
during Sleep, but the CLC will continue to operate and
the HFINTOSC will remain active.
This will have a direct effect on the Sleep mode current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com