Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL36N55M5 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STL36N55M5
Description  N-channel 550 V, 0.066 typ., 22.5 A MDmesh V Power MOSFET in a PowerFLAT 8x8 HV package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL36N55M5 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STL36N55M5 Datasheet HTML 8Page - STMicroelectronics STL36N55M5 Datasheet HTML 9Page - STMicroelectronics STL36N55M5 Datasheet HTML 10Page - STMicroelectronics STL36N55M5 Datasheet HTML 11Page - STMicroelectronics STL36N55M5 Datasheet HTML 12Page - STMicroelectronics STL36N55M5 Datasheet HTML 13Page - STMicroelectronics STL36N55M5 Datasheet HTML 14Page - STMicroelectronics STL36N55M5 Datasheet HTML 15Page - STMicroelectronics STL36N55M5 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
STL36N55M5
12/17
Doc ID 022602 Rev 3
Figure 21.
PowerFLAT™ 8x8 HV drawing mechanical data
INDEX AREA
TOP VIEW
PLANE
SEATING
0.08 C
BOTTOM VIEW
SIDE VIEW
PIN#1 ID
D
b
D2
C
bbb C A B
B
A
aaa C
aaa C
ccc C
8222871_Rev_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com