Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL36N55M5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STL36N55M5
Description  N-channel 550 V, 0.066 typ., 22.5 A MDmesh V Power MOSFET in a PowerFLAT 8x8 HV package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL36N55M5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL36N55M5 Datasheet HTML 9Page - STMicroelectronics STL36N55M5 Datasheet HTML 10Page - STMicroelectronics STL36N55M5 Datasheet HTML 11Page - STMicroelectronics STL36N55M5 Datasheet HTML 12Page - STMicroelectronics STL36N55M5 Datasheet HTML 13Page - STMicroelectronics STL36N55M5 Datasheet HTML 14Page - STMicroelectronics STL36N55M5 Datasheet HTML 15Page - STMicroelectronics STL36N55M5 Datasheet HTML 16Page - STMicroelectronics STL36N55M5 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Packaging mechanical data
STL36N55M5
14/17
Doc ID 022602 Rev 3
5
Packaging mechanical data
Figure 23.
PowerFLAT™ 8x8 HV tape
Figure 24.
PowerFLAT™ 8x8 HV package orientation in carrier tape.
E (1.75±0.1)
A0 (8.30±0.1)
P1 (12.00±0.1)
P2 (2.0±0.1)
P0 (4.0±0.1)
D0 ( 1.55±0.05)
D1 ( 1.5 Min)
T (0.30±0.05)
K0 (1.10±0.1)
Note: Base and Bulk quantity 3000 pcs
8229819_Tape_revA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com