Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F6010 Datasheet(PDF) 96 Page - Microchip Technology

Part # DSPIC30F6010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6010 Datasheet(HTML) 96 Page - Microchip Technology

Back Button DSPIC30F6010 Datasheet HTML 92Page - Microchip Technology DSPIC30F6010 Datasheet HTML 93Page - Microchip Technology DSPIC30F6010 Datasheet HTML 94Page - Microchip Technology DSPIC30F6010 Datasheet HTML 95Page - Microchip Technology DSPIC30F6010 Datasheet HTML 96Page - Microchip Technology DSPIC30F6010 Datasheet HTML 97Page - Microchip Technology DSPIC30F6010 Datasheet HTML 98Page - Microchip Technology DSPIC30F6010 Datasheet HTML 99Page - Microchip Technology DSPIC30F6010 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 94
© 2007 Microchip Technology Inc.
15.1.4
DOUBLE UPDATE MODE
In the Double Update mode (PTMOD<1:0> = 11), an
interrupt event is generated each time the PTMR regis-
ter is equal to zero, as well as each time a period match
occurs. The postscaler selection bits have no effect in
this mode of the timer.
The Double Update mode provides two additional func-
tions to the user. First, the control loop bandwidth is
doubled because the PWM duty cycles can be
updated, twice per period. Second, asymmetrical
center-aligned PWM waveforms can be generated
which are useful for minimizing output waveform
distortion in certain motor control applications.
15.1.5
PWM TIME BASE PRESCALER
The input clock to PTMR (FOSC/4) has prescaler
options of 1:1, 1:4, 1:16 or 1:64, selected by control
bits, PTCKPS<1:0>, in the PTCON SFR. The prescaler
counter is cleared when any of the following occurs:
• a write to the PTMR register
• a write to the PTCON register
• any device Reset
The PTMR register is not cleared when PTCON is
written.
15.1.6
PWM TIME BASE POSTSCALER
The match output of PTMR can optionally be post-
scaled through a 4-bit postscaler (which gives a 1:1 to
1:16 scaling).
The postscaler counter is cleared when any of the
following occurs:
• a write to the PTMR register
• a write to the PTCON register
• any device Reset
The PTMR register is not cleared when PTCON is written.
15.2
PWM Period
PTPER is a 15-bit register and is used to set the
counting period for the PWM time base. PTPER is a
double-buffered register. The PTPER buffer contents
are loaded into the PTPER register at the following
instants:
•Free-Running and Single-Shot modes: When the
PTMR register is reset to zero after a match with
the PTPER register.
• Continuous Up/Down Count modes: When the
PTMR register is zero.
The value held in the PTPER buffer is automatically
loaded into the PTPER register when the PWM time
base is disabled (PTEN = 0).
The
PWM
period
can
be
determined
using
Equation 15-1:
EQUATION 15-1:
PWM PERIOD
If the PWM time base is configured for one of the
Continuous Up/Down Count modes, the PWM period is
provided by Equation 15-2.
EQUATION 15-2:
PWM PERIOD
(CENTER-ALIGNED
MODE)
The maximum resolution (in bits) for a given device
oscillator and PWM frequency can be determined using
Equation 15-3:
EQUATION 15-3:
PWM RESOLUTION
Note:
Programming a value of 0x0001 in the
Period register could generate a continu-
ous interrupt pulse, and hence, must be
avoided.
TPWM =
TCY
• (PTPER + 1)
(PTMR Prescale Value)
TPWM =
2 TCY
• PTPER + 0.75
(PTMR Prescale Value)
Resolution =
log (2
• TPWM/TCY)
log (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com