Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F6010 Datasheet(PDF) 100 Page - Microchip Technology

Part # DSPIC30F6010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6010 Datasheet(HTML) 100 Page - Microchip Technology

Back Button DSPIC30F6010 Datasheet HTML 96Page - Microchip Technology DSPIC30F6010 Datasheet HTML 97Page - Microchip Technology DSPIC30F6010 Datasheet HTML 98Page - Microchip Technology DSPIC30F6010 Datasheet HTML 99Page - Microchip Technology DSPIC30F6010 Datasheet HTML 100Page - Microchip Technology DSPIC30F6010 Datasheet HTML 101Page - Microchip Technology DSPIC30F6010 Datasheet HTML 102Page - Microchip Technology DSPIC30F6010 Datasheet HTML 103Page - Microchip Technology DSPIC30F6010 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 98
© 2007 Microchip Technology Inc.
15.8
Independent PWM Output
An Independent PWM Output mode is required for
driving certain types of loads. A particular PWM output
pair is in the Independent Output mode when the
corresponding PTMODx bit in the PWMCON1 register
is set. No dead-time control is implemented between
adjacent PWM I/O pins when the module is operating
in the Independent Output mode and both I/O pins are
allowed to be active simultaneously.
In the Independent Output mode, each duty cycle
generator is connected to both of the PWM I/O pins in
an output pair. By using the associated duty cycle reg-
ister and the appropriate bits in the OVDCON register,
the user may select the following signal output options
for each PWM I/O pin operating in the Independent
Output mode:
• I/O pin outputs PWM signal
• I/O pin inactive
• I/O pin active
15.9
Single Pulse PWM Operation
The PWM module produces single pulse outputs when
the PTCON control bits, PTMOD<1:0> = 10. Only
edge-aligned outputs may be produced in the Single
Pulse mode. In Single Pulse mode, the PWM I/O pin(s)
are driven to the active state when the PTEN bit is set.
When a match with a duty cycle register occurs, the
PWM I/O pin is driven to the inactive state. When a
match with the PTPER register occurs, the PTMR reg-
ister is cleared, all active PWM I/O pins are driven to
the inactive state, the PTEN bit is cleared and an
interrupt is generated.
15.10 PWM Output Override
The PWM output override bits allow the user to manu-
ally drive the PWM I/O pins to specified logic states,
independent of the duty cycle comparison units.
All control bits associated with the PWM output over-
ride function are contained in the OVDCON register.
The upper half of the OVDCON register contains six
bits, POVDxH<3:1> and POVDxL<3:1>, that determine
which PWM I/O pins will be overridden. The lower half
of
the
OVDCON
register
contains
six
bits,
POUTxH<3:1> and POUTxL<3:1>, that determine the
state of the PWM I/O pins when a particular output is
overridden via the POVD bits.
15.10.1
COMPLEMENTARY OUTPUT MODE
When a PWMxL pin is driven active via the OVDCON
register, the output signal is forced to be the comple-
ment of the corresponding PWMxH pin in the pair.
Dead-time insertion is still performed when PWM
channels are overridden manually.
15.10.2
OVERRIDE SYNCHRONIZATION
If the OSYNC bit in the PWMCON2 register is set, all
output overrides performed via the OVDCON register
are synchronized to the PWM time base. Synchronous
output overrides occur at the following times:
• Edge-Aligned mode when PTMR is zero.
• Center-Aligned modes when PTMR is zero and
when the value of PTMR matches PTPER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com