Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 230 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 230 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 226Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 227Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 228Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 229Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 230Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 231Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 232Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 233Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 438 page
background image
PIC18F2455/2550/4455/4550
DS39632E-page 228
© 2009 Microchip Technology Inc.
19.4.7
BAUD RATE
In I2C Master mode, the Baud Rate Generator (BRG)
reload value is placed in the lower seven bits of the
SSPADD register (Figure 19-19). When a write occurs
to SSPBUF, the Baud Rate Generator will automatically
begin counting. The BRG counts down to ‘0’ and stops
until another reload has taken place. The BRG count is
decremented twice per instruction cycle (TCY) on the
Q2 and Q4 clocks. In I2C Master mode, the BRG is
reloaded automatically.
Once the given operation is complete (i.e., transmis-
sion of the last data bit is followed by ACK), the internal
clock will automatically stop counting and the SCL pin
will remain in its last state.
Table 19-3 demonstrates clock rates based on
instruction cycles and the BRG value loaded into
SSPADD. SSPADD values of less than 2 are not
supported. Due to the need to support I2C clock
stretching capability, I2C baud rates are partially
dependent upon system parameters, such as line
capacitance and pull-up strength. The parameters
provided in Table 19-3 are guidelines, and the actual
baud rate may be slightly slower than that predicted in
the table. The baud rate formula shown in the bit
description of Register 19-4 sets the maximum baud
rate that can occur for a given SSPADD value.
FIGURE 19-19:
BAUD RATE GENERATOR BLOCK DIAGRAM
TABLE 19-3:
I2C™ CLOCK RATE W/BRG
SSPM3:SSPM0
BRG Down Counter
CLKO
FOSC/4
SSPADD<6:0>
SSPM3:SSPM0
SCL
Reload
Control
Reload
FCY
FCY * 2
BRG Value
FSCL
(2 Rollovers of BRG)
10 MHz
20 MHz
18h
400 kHz(1)
10 MHz
20 MHz
1Fh
312.5 kHz
10 MHz
20 MHz
63h
100 kHz
4 MHz
8 MHz
09h
400 kHz(1)
4 MHz
8 MHz
0Ch
308 kHz
4 MHz
8 MHz
27h
100 kHz
1 MHz
2 MHz
02h
333 kHz(1)
1 MHz
2 MHz
09h
100 kHz
Note 1:
The I2C™ interface does not conform to the 400 kHz I2C specification (which applies to rates greater than
100 kHz) in all details, but may be used with care where higher rates are required by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com