Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 371 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 371 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 367Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 368Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 369Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 370Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 371Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 372Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 373Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 374Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 375Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 369
PIC18F2455/2550/4455/4550
28.1
DC Characteristics:
Supply Voltage
PIC18F2455/2550/4455/4550 (Industrial)
PIC18LF2455/2550/4455/4550 (Industrial)
PIC18LF2455/2550/4455/4550
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F2455/2550/4455/4550
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Typ
Max Units
Conditions
D001
VDD
Supply Voltage
2.0(2)
—
5.5
V
EC, HS, XT and Internal Oscillator modes
3.0(2)
—
5.5
V
HSPLL, XTPLL, ECPIO and ECPLL
Oscillator modes
D002
VDR
RAM Data Retention
Voltage(1)
1.5
—
—
V
D003
VPOR
VDD Start Voltage
to Ensure Internal Power-on
Reset Signal
—
—
0.7
V
See Section 4.3 “Power-on Reset (POR)”
for details
D004
SVDD
VDD Rise Rate
to Ensure Internal Power-on
Reset Signal
0.05
—
—
V/ms See Section 4.3 “Power-on Reset (POR)”
for details
D005
VBOR
Brown-out Reset Voltage
BORV1:BORV0 = 11
2.00
2.05 2.16
V
BORV1:BORV0 = 10
2.65
2.79 2.93
V
BORV1:BORV0 = 01
4.11
4.33 4.55
V
BORV1:BORV0 = 00
4.36
4.59 4.82
V
Legend:
Shading of rows is to assist in readability of the table.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode, or during a device Reset, without losing RAM data.
2:
The stated minimums apply for the PIC18LF products in this device family. PIC18F products in this device family
are rated for 4.2V minimum in all oscillator modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com