Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 375 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 375 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 371Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 372Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 373Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 374Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 375Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 376Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 377Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 378Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 379Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 373
PIC18F2455/2550/4455/4550
Supply Current (IDD)(2)
PIC18LFX455/X550 250
500
μA-40°C
VDD = 2.0V
FOSC = 1 MHZ
(PRI_RUN,
EC oscillator)
250
500
μA+25°C
250
500
μA+85°C
PIC18LFX455/X550 550
650
μA-40°C
VDD = 3.0V
480
650
μA+25°C
460
650
μA+85°C
All devices
1.2
1.6
mA
-40°C
VDD = 5.0V
1.1
1.5
mA
+25°C
1.0
1.4
mA
+85°C
PIC18LFX455/X550 0.74
2.0
mA
-40°C
VDD = 2.0V
FOSC = 4 MHz
(PRI_RUN,
EC oscillator)
0.74
2.0
mA
+25°C
0.74
2.0
mA
+85°C
PIC18LFX455/X550
1.3
3.0
mA
-40°C
VDD = 3.0V
1.3
3.0
mA
+25°C
1.3
3.0
mA
+85°C
All devices
2.7
6.0
mA
-40°C
VDD = 5.0V
2.6
6.0
mA
+25°C
2.5
6.0
mA
+85°C
All devices
15
35
mA
-40°C
VDD = 4.2V
FOSC = 40 MHZ
(PRI_RUN,
EC oscillator)
16
35
mA
+25°C
16
35
mA
+85°C
All devices
21
40
mA
-40°C
VDD = 5.0V
21
40
mA
+25°C
21
40
mA
+85°C
All devices
20
40
mA
-40°C
VDD = 4.2V
FOSC = 48 MHZ
(PRI_RUN,
EC oscillator)
20
40
mA
+25°C
20
40
mA
+85°C
All devices
25
50
mA
-40°C
VDD = 5.0V
25
50
mA
+25°C
25
50
mA
+85°C
28.2
DC Characteristics:
Power-Down and Supply Current
PIC18F2455/2550/4455/4550 (Industrial)
PIC18LF2455/2550/4455/4550 (Industrial) (Continued)
PIC18LF2455/2550/4455/4550
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F2455/2550/4455/4550
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Device
Typ
Max Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note 1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured
with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that
add delta current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin
loading and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have
an impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD or VSS;
MCLR = VDD; WDT enabled/disabled as specified.
3:
Standard low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended
temperature crystals are available at a much higher cost.
4:
BOR and HLVD enable internal band gap reference. With both modules enabled, current consumption will be
less than the sum of both specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com