Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 189Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 190Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 191Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 192Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 193Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 194Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 195Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 196Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 191
PIC18F2455/2550/4455/4550
18.0 STREAMING PARALLEL PORT
PIC18F4455/4550 USB devices provide a Streaming
Parallel Port as a high-speed interface for moving data
to and from an external system. This parallel port
operates as a master port, complete with chip select
and clock outputs to control the movement of data to
slave devices. Data can be channelled either directly to
the USB SIE or to the microprocessor core. Figure 18-1
shows a block view of the SPP data path.
FIGURE 18-1:
SPP DATA PATH
In addition, the SPP can provide time multiplexed
addressing information along with the data by using the
second strobe output. Thus, the USB endpoint number
can be written in conjunction with the data for that
endpoint.
18.1
SPP Configuration
The operation of the SPP is controlled by two registers:
SPPCON and SPPCFG. The SPPCON register
(Register 18-1) controls the overall operation of the
parallel port and determines if it operates under USB or
microcontroller
control.
The
SPPCFG
register
(Register 18-2) controls timing configuration and pin
outputs.
18.1.1
ENABLING THE SPP
To enable the SPP, set the SPPEN bit (SPPCON<0>).
In addition, the TRIS bits for the corresponding SPP
pins must be properly configured. At a minimum:
• Bits TRISD<7:0> must be set (= 1)
• Bits TRISE<2:1> must be cleared (= 0)
If CK1SPP is to be used:
• Bit TRISE<0> must be cleared (= 0)
If CSPP is to be used:
• Bit TRISB<4> must be cleared (= 0)
Note:
The Streaming Parallel Port is only
available on 40/44-pin devices.
SPP
Logic
CK2SPP
OESPP
CSSPP
SPP<7:0>
CK1SPP
USB
CPU
PIC18F4455/4550
SIE
REGISTER 18-1:
SPPCON: SPP CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
SPPOWN
SPPEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented: Read as ‘0’
bit 1
SPPOWN: SPP Ownership bit
1 = USB peripheral controls the SPP
0 = Microcontroller directly controls the SPP
bit 0
SPPEN: SPP Enable bit
1 = SPP is enabled
0 = SPP is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com