Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 197 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 197 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 193Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 194Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 195Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 196Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 197Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 198Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 199Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 200Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 195
PIC18F2455/2550/4455/4550
18.3.3
READING FROM THE SPP
Reading from the SPP involves reading the SPPDATA
register. Reading the register the first time initiates the
read operation. When the read is finished, indicated by
the SPPBUSY bit, the SPPDATA will be loaded with the
current data.
The following is an example read sequence:
1.
Write the 4-bit address to the SPPEPS register.
The SPP automatically starts writing the
address. If address write is not used then skip to
step 3.
2.
Monitor the SPPBUSY bit to determine when the
address has been sent. The duration depends
on the wait states.
3.
Read the data from the SPPDATA register; the
data from the previous read operation is
returned. The SPP automatically starts the read
cycle for the next read.
4.
Monitor the SPPBUSY bit to determine when the
data has been read. The duration depends on
the wait states.
5.
Go back to step 3 to read the current byte from
the SPP and start the next read cycle.
REGISTER 18-3:
SPPEPS: SPP ENDPOINT ADDRESS AND STATUS REGISTER
R-0
R-0
U-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
RDSPP
WRSPP
—
SPPBUSY
ADDR3
ADDR2
ADDR1
ADDR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RDSPP: SPP Read Status bit (Valid when SPPCON<SPPOWN> = 1, USB)
1 = The last transaction was a read from the SPP
0 = The last transaction was not a read from the SPP
bit 6
WRSPP: SPP Write Status bit (Valid when SPPCON<SPPOWN> = 1, USB)
1 = The last transaction was a write to the SPP
0 = The last transaction was not a write to the SPP
bit 5
Unimplemented: Read as ‘0’
bit 4
SPPBUSY: SPP Handshaking Override bit
1 = The SPP is busy
0 = The SPP is ready to accept another read or write request
bit 3-0
ADDR3:ADDR0: SPP Endpoint Address bits
1111 = Endpoint Address 15
•
•
•
•
0001
0000 = Endpoint Address 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com