Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF320T-IPQTP Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC10LF320T-IPQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-IPQTP Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC10LF320T-IPQTP Datasheet HTML 77Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 78Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 79Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 80Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 81Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 82Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 83Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 84Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 81
PIC10(L)F320/322
11.0
INTERRUPT-ON-CHANGE
The PORTA pins can be configured to operate as
Interrupt-On-Change (IOC) pins. An interrupt can be
generated by detecting a signal that has either a rising
edge or a falling edge. Any individual PORTA pin, or
combination of PORTA pins, can be configured to
generate an interrupt. The Interrupt-on-change module
has the following features:
• Interrupt-on-Change enable (Master Switch)
• Individual pin configuration
• Rising and falling edge detection
• Individual pin interrupt flags
Figure 11-1 is a block diagram of the IOC module.
11.1
Enabling the Module
To allow individual PORTA pins to generate an interrupt,
the IOCIE bit of the INTCON register must be set. If the
IOCIE bit is disabled, the edge detection on the pin will
still occur, but an interrupt will not be generated.
11.2
Individual Pin Configuration
For each PORTA pin, a rising edge detector and a falling
edge detector are present. To enable a pin to detect a
rising edge, the associated IOCAPx bit of the IOCAP
register is set. To enable a pin to detect a falling edge,
the associated IOCANx bit of the IOCAN register is set.
A pin can be configured to detect rising and falling
edges simultaneously by setting both the IOCAPx bit
and the IOCANx bit of the IOCAP and IOCAN registers,
respectively.
11.3
Interrupt Flags
The IOCAFx bits located in the IOCAF register are
status flags that correspond to the Interrupt-on-change
pins of PORTA. If an expected edge is detected on an
appropriately enabled pin, then the status flag for that pin
will be set, and an interrupt will be generated if the IOCIE
bit is set. The IOCIF bit of the INTCON register reflects
the status of all IOCAFx bits.
11.4
Clearing Interrupt Flags
The individual status flags, (IOCAFx bits), can be
cleared by resetting them to zero. If another edge is
detected during this clearing operation, the associated
status flag will be set at the end of the sequence,
regardless of the value actually being written.
In order to ensure that no detected edge is lost while
clearing flags, only AND operations masking out known
changed bits should be performed. The following
sequence is an example of what should be performed.
EXAMPLE 11-1:
11.5
Operation in Sleep
The interrupt-on-change interrupt sequence will wake
the device from Sleep mode, if the IOCIE bit is set.
If an edge is detected while in Sleep mode, the IOCAF
register will be updated prior to the first instruction
executed out of Sleep.
MOVLW
0xff
XORWF
IOCAF, W
ANDWF
IOCAF, F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com