Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF320T-IPQTP Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC10LF320T-IPQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-IPQTP Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC10LF320T-IPQTP Datasheet HTML 13Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 14Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 15Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 16Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 17Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 18Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 19Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 20Page - Microchip Technology PIC10LF320T-IPQTP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 17
PIC10(L)F320/322
TABLE 2-3:
SPECIAL FUNCTION REGISTER SUMMARY (BANK 0)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other resets
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
01h
TMR0
Timer0 Module Register
xxxx xxxx
uuuu uuuu
02h
PCL
Program Counter (PC) Least Significant Byte
0000 0000
0000 0000
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
uuuu uuuu
05h
PORTA
—
—
—
—
RA3
RA2
RA1
RA0
---- xxxx
---- uuuu
06h
TRISA
—
—
—
—
—(1)
TRISA2
TRISA1
TRISA0
---- 1111
---- 1111
07h
LATA
—
—
—
—
—
LATA2
LATA1
LATA0
---- -xxx
---- -uuu
08h
ANSELA
—
—
—
—
—
ANSA2
ANSA1
ANSA0
---- -111
---- -111
09h
WPUA
—
—
—
—
WPUA3
WPUA2
WPUA1
WPUA0
---- 1111
---- 1111
0Ah
PCLATH
—
—
—
—
—
—
—
PCLH0
---- ---0
---- ---0
0Bh
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 0000
0000 000u
0Ch
PIR1
—ADIF
—
NCO1IF
CLC1IF
—TMR2IF
—
-0-0 0-0-
-0-0 0-0-
0Dh
PIE1
—ADIE
—
NCO1IE
CLC1IE
—TMR2IE
—
-0-0 0-0-
-0-0 0-0-
0Eh
OPTION_REG
WPUEN
INTEDG
T0CS
T0SE
PSA
PS<2:0>
1111 1111
uuuu uuuu
0Fh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
---- --uu
10h
OSCCON
—
IRCF<2:0>
HFIOFR
—
LFIOFR
HFIOFS
-110 0-00
-110 0-00
11h
TMR2
Timer2 Module Register
0000 0000
0000 0000
12h
PR2
Timer2 Period Register
1111 1111
1111 1111
13h
T2CON
—
TOUTPS<3:0>
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
-000 0000
14h
PWM1DCL
PWM1DCL<1:0>
—
—
—
—
—
—
xx-- ----
uu-- ----
15h
PWM1DCH
PWM1DCH<7:0>
xxxx xxxx
uuuu uuuu
16h
PWM1CON
PWM1EN
PWM1OE PWM1OUT PWM1POL
—
—
—
—
0000 ----
0000 ----
17h
PWM2DCL
PWM2DCL<1:0>
—
—
—
—
—
—
xx-- ----
uu-- ----
18h
PWM2DCH
PWM2DCH<7:0>
xxxx xxxx
uuuu uuuu
19h
PWM2CON
PWM2EN
PWM2OE PWM2OUT PWM2POL
—
—
—
—
0000 ----
0000 ----
1Ah
IOCAP
—
—
—
—
IOCAP3
IOCAP2
IOCAP1
IOCAP0
---- 0000
---- 0000
1Bh
IOCAN
—
—
—
—
IOCAN3
IOCAN2
IOCAN1
IOCAN0
---- 0000
---- 0000
1Ch
IOCAF
—
—
—
—
IOCAF3
IOCAF2
IOCAF1
IOCAF0
---- 0000
---- 0000
1Dh
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
—
—ADFVR<1:0>
0x00 --00
0x00 --00
1Eh
ADRES
A/D Result Register
xxxx xxxx
uuuu uuuu
1Fh
ADCON
ADCS<2:0>
CHS<2:0>
GO/
DONE
ADON
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com