Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF320T-IMCSQTP Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC10LF320T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-IMCSQTP Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC10LF320T-IMCSQTP Datasheet HTML 73Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 74Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 75Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 76Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 77Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 78Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 79Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 80Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 77
PIC10(L)F320/322
REGISTER 10-1:
PORTA: PORTA REGISTER
U-0
U-0
U-0
U-0
R-x/x
R/W-x/x
R/W-x/x
R/W-x/x
—
—
—
—
RA3
RA2
RA1
RA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented
: Read as ‘0’
bit 3-0
RA<3:0>:
PORTA I/O Value bits (RA3 is read-only)
Note 1:
Writes to PORTx are actually written to the corresponding LATx register. Reads from PORTx register
return actual I/O pin values.
REGISTER 10-2:
TRISA: PORTA TRI-STATE REGISTER
U-0
U-0
U-0
U-0
U-1
R/W-1/1
R/W-1/1
R/W-1/1
—
—
—
—
—(1)
TRISA2
TRISA1
TRISA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented
: Read as ‘0’
bit 3
Unimplemented
: Read as ‘1’
bit 2-0
TRISA<2:0>:
RA<2:0> Port I/O Tri-State Control bits
1
= Port output driver is disabled
0
= Port output driver is enabled
Note 1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com