Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF320T-IMCSQTP Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC10LF320T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-IMCSQTP Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC10LF320T-IMCSQTP Datasheet HTML 12Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 13Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 14Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 15Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 16Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 17Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 18Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 19Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 16
Preliminary
 2011 Microchip Technology Inc.
2.2.3
DEVICE MEMORY MAPS
The memory maps for PIC10(L)F320/322 are as shown
in Table 2-2.
TABLE 2-2:
PIC10(L)F320/322 MEMORY MAP (BANK 0)
Legend:
= Unimplemented data memory locations, read as ‘0’.
*
= Not a physical register.
INDF(*)
00h
PMADRL
20h
General
Purpose
Registers
32 Bytes
40h
5Fh
General
Purpose
Registers
32 Bytes
60h
7Fh
TMR0
01h
PMADRH
21h
PCL
02h
PMDATL
22h
STATUS
03h
PMDATH
23h
FSR
04h
PMCON1
24h
PORTA
05h
PMCON2
25h
TRISA
06h
CLKRCON
26h
LATA
07h
NCO1ACCL
27h
ANSELA
08h
NCO1ACCH
28h
WPUA
09h
NCO1ACCU
29h
PCLATH
0Ah
NCO1INCL
2Ah
INTCON
0Bh
NCO1INCH
2Bh
PIR1
0Ch
Reserved
2Ch
PIE1
0Dh
NCO1CON
2Dh
OPTION_REG
0Eh
NCO1CLK
2Eh
PCON
0Fh
Reserved
2Fh
OSCCON
10h
WDTCON
30h
TMR2
11h
CLC1CON
31h
PR2
12h
CLC1SEL1
32h
T2CON
13h
CLC1SEL2
33h
PWM1DCL
14h
CLC1POL
34h
PWM1DC
15h
CLC1GATE1
35h
PWM1CON
16h
CLC1GATE2
36h
PWM2DCL
17h
CLC1GATE3
37h
PWM2DC
18h
CLC1GATE4
38h
PWM2CON
19h
CWG1CON0
39h
IOCAP
1Ah
CWG1CON1
3Ah
IOCAN
1Bh
CWG1ASD
3Bh
IOCAF
1Ch
CWG1RC
3Ch
FVRCON
1Dh
CWG1FC
3Dh
ADRES
1Eh
VREGCON
3Eh
ADCON
1Fh
BORCON
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com