Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF320T-IMCSQTP Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC10LF320T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-IMCSQTP Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC10LF320T-IMCSQTP Datasheet HTML 102Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 103Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 104Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 105Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 106Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 107Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 108Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 109Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 106
Preliminary
 2011 Microchip Technology Inc.
REGISTER 17-1:
T2CON: TIMER2 CONTROL REGISTER
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
TOUTPS<3:0>
TMR2ON
T2CKPS<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented:
Read as ‘0’
bit 6-3
TOUTPS<3:0>:
Timer2 Output Postscaler Select bits
1111
= 1:16 Postscaler
1110
= 1:15 Postscaler
1101
= 1:14 Postscaler
1100
= 1:13 Postscaler
1011
= 1:12 Postscaler
1010
= 1:11 Postscaler
1001
= 1:10 Postscaler
1000
=1:9 Postscaler
0111
=1:8 Postscaler
0110
=1:7 Postscaler
0101
=1:6 Postscaler
0100
=1:5 Postscaler
0011
=1:4 Postscaler
0010
=1:3 Postscaler
0001
=1:2 Postscaler
0000
=1:1 Postscaler
bit 2
TMR2ON:
Timer2 On bit
1
= Timer2 is on
0
= Timer2 is off
bit 1-0
T2CKPS<1:0>:
Timer2 Clock Prescale Select bits
1x
= Prescaler is 64
01
= Prescaler is 4
00
= Prescaler is 1
TABLE 17-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER2
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
46
PIE1
—
ADIE
—
NCO1IE
CLC1IE
—TMR2IE
—
47
PIR1
—
ADIF
—
NCO1IF
CLC1IF
—TMR2IF
—
48
PR2
Timer2 module Period Register
105
TMR2
Timer2 module Register
105
T2CON
—
TOUTPS<3:0>
TMR2ON
T2CKPS<1:0>
106
Legend:
x
= unknown, u = unchanged, - = unimplemented read as ‘0’. Shaded cells are not used for Timer2 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com