Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF320T-IMCSQTP Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC10LF320T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-IMCSQTP Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC10LF320T-IMCSQTP Datasheet HTML 142Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 143Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 144Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 145Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 146Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 147Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 148Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 149Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 146
Preliminary
 2011 Microchip Technology Inc.
21.9
Auto-shutdown Control
Auto-shutdown is a method to immediately override the
CWG output levels with specific overrides that allow for
safe shutdown of the circuit. The shutdown state can be
either cleared automatically or held until cleared by
software.
21.9.1
SHUTDOWN
The Shutdown state can be entered by either of the fol-
lowing two methods:
• Software generated
• External Input
21.9.1.1
Software Generated Shutdown
Setting the GxASE bit of the CWGxCON2 register will
force the CWG into the shutdown state.
When auto-restart is disabled, the shutdown state will
persist as long as the GxASE bit is set.
When auto-restart is enabled, the GxASE bit will clear
automatically and resume operation on the next rising
edge event. See Figure 21-6.
21.9.1.2
External Input Source
External shutdown inputs provide the fastest way to
safely suspend CWG operation in the event of a Fault
condition. When any of the selected shutdown inputs
goes high, the CWG outputs will immediately go to the
selected override levels without software delay. Any
combination of two input sources can be selected to
cause a shutdown condition. The two sources are:
•LC1OUT
•CWG1FLT
Shutdown inputs are selected using the GxASDS0 and
GxASDS1
bits
of
the
CWGxCON2
register.
(Register 21-3).
21.10 Operation During Sleep
The CWG module operates independently from the
system clock and will continue to run during Sleep,
provided that the clock and input sources selected
remain active.
The HFINTOSC remains active during Sleep, provided
that the CWG module is enabled, the input source is
active, and the HFINTOSC is selected as the clock
source, regardless of the system clock source
selected.
In other words, if the HFINTOSC is simultaneously
selected as the system clock and the CWG clock
source, when the CWG is enabled and the input source
is active, the CPU will go idle during Sleep, but the
CWG will continue to operate and the HFINTOSC will
remain active.
This will have a direct effect on the Sleep mode current.
Note:
Shutdown inputs are level sensitive, not
edge sensitive. The shutdown state can-
not be cleared, except by disabling
auto-shutdown, as long as the shutdown
input level persists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com