Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IPSQTP Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC10LF322T-IPSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IPSQTP Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC10LF322T-IPSQTP Datasheet HTML 31Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 32Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 33Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 34Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 35Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 36Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 37Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 38Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 35
PIC10(L)F320/322
FIGURE 5-2:
BROWN-OUT SITUATIONS
REGISTER 5-1:
BORCON: BROWN-OUT RESET CONTROL REGISTER
R/W-1/u
R/W-0/u
U-0
U-0
U-0
U-0
U-0
R-q/u
SBOREN
BORFS
—
—
—
—
—BORRDY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
SBOREN:
Software Brown-out Reset Enable bit
If BOREN <1:0> in Configuration Word
 01:
SBOREN is read/write, but has no effect on the BOR.
If BOREN <1:0> in Configuration Word = 01:
1
= BOR enabled
0
= BOR disabled
bit 6
BORFS:
Brown-out Reset Fast Start bit(1)
If BOREN<1:0> = 11 (Always on) or BOREN<1:0> = 00 (Always off)
BORFS is read/write, but has no effect.
If BOREN <1:0> = 10 (Disabled in Sleep) or BOREN<1:0> = 01 (Under software control):
1
=
Band gap is forced on always (covers Sleep/wake-up/operating cases)
0
=B
and gap operates normally, and may turn off
bit 5-1
Unimplemented:
Read as ‘0’
bit 0
BORRDY:
Brown-out Reset Circuit Ready Status bit
1
= The Brown-out Reset circuit is active
0
= The Brown-out Reset circuit is inactive
Note 1:
BOREN<1:0> bits are located in Configuration Word.
TPWRT(1)
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
TPWRT(1)
< TPWRT
TPWRT(1)
VBOR
VDD
Internal
Reset
Note 1:
TPWRT delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com