Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IPSQTP Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC10LF322T-IPSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IPSQTP Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC10LF322T-IPSQTP Datasheet HTML 69Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 70Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 71Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 72Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 73Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 74Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 75Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 76Page - Microchip Technology PIC10LF322T-IPSQTP Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 73
PIC10(L)F320/322
TABLE 9-3:
SUMMARY OF REGISTERS ASSOCIATED WITH FLASH PROGRAM MEMORY
TABLE 9-4:
SUMMARY OF CONFIGURATION WORD WITH FLASH PROGRAM MEMORY
REGISTER 9-6:
PMCON2: PROGRAM MEMORY CONTROL 2 REGISTER
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
W-0/0
Program Memory Control Register 2
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
S = Bit can only be set
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
Flash Memory Unlock Pattern bits
To unlock writes, a 55h must be written first, followed by an AAh, before setting the WR bit of the
PMCON1 register. The value written to this register is used to unlock the writes. There are specific
timing requirements on these writes.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
46
PMCON1
—
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
72
PMCON2
Program Memory Control Register 2
73
PMADRL
PMADR<7:0>
71
PMADRH
—
—
—
—
—
—
—PMADR8
71
PMDATL
PMDAT<7:0>
70
PMDATH
—
—
PMDAT<13:8>
70
Legend:
—
= unimplemented location, read as ‘0’. Shaded cells are not used by Flash program memory module.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG
13:8
—
—
—
WRT<1:0>
BORV
LPBOR
LVP
22
7:0
CP
MCLR
PWRTE
WDTE<1:0>
BOREN<1:0>
FOSC
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by Flash program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com