Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMT-MY22-NMP00 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MY22-NMP00
Description  Moonstone 3 W High Brightness Power LED Light Source
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MY22-NMP00 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MY22-NMP00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Package Dimensions
Notes:
1. All dimensions are in millimeters.
2. Unless otherwise stated, the tolerance for dimension is ±0.1 mm.
3. Metal slug is connected to anode for electrically non-isolated option.
Figure 1. ASMT-Mx22 / ASMT-MxE2 package outline drawing.
Metal Slug
Cathode
Anode
1
2
3
10.00
8.50
3
1
2
8.50
Ø 5.26
Ø 8.00
5.08
0.81
2.00
5.25
1.30
10.60
1.27
3.30
Heat Sink
LED
ZENER
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com