Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMT-MY22-NMP00 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MY22-NMP00
Description  Moonstone 3 W High Brightness Power LED Light Source
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MY22-NMP00 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MY22-NMP00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MY22-NMP00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Part Numbering System
Note:
1. Please refer to Page 8 for selection details.
Device Selection Guide (TJ = 25° C)
Part Number
Color
Luminous Flux,
v[1,2] (lm)
Test
Current
(mA)
Die
Technology
Electrically
Isolated
Metal Slug
Min.
Typ.
Max.
ASMT-MW22-NNP00
Cool White
110
120
140
350
InGaN
Yes
ASMT-MY22-NMP00
Warm White
95
100
140
350
InGaN
Yes
ASMT-MWE2-NNP00
Cool White Diffused
110
115
140
350
InGaN
Yes
ASMT-MYE2-NMP00
Warm White Diffused
95
98
140
350
InGaN
Yes
Notes:
1.
V is the total luminous flux output as measured with an integrating sphere at 25 ms mono pulse condition.
2. Flux tolerance is ±10%.
ASMT – M x 1 x 2 x 3 – N x 4 x 5 x 6 x 7
Packaging Option
Color Bin Selection
Max Flux Bin Selection
Min Flux Bin Selection
Heat Sink
2 – Electrically Isolated
Silicone Type
2 – Non-diffused
E – Diffused
Color
W – Cool White
Y – Warm White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com