Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT15GT120BRG Datasheet(PDF) 20 Page - Microsemi Corporation

Part # APT15GT120BRG
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15GT120BRG Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button APT15GT120BRG Datasheet HTML 16Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 17Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 18Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 19Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 20Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 21Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 22Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 23Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
Rugged Custom Power Modules
Microsemi PMP has acquired a great experience and
know-how in module customization to address rugged
and wide temperature range application and offers
solution to meet with next generation integrated
power systems expectation in terms of:
Applications
Test Capabilities
Reliability Testing Capabilities
Expertise Capabilities
All tests can be conducted upon demand by sampling or
at 100%. Tests performed in house or with external lab.
Our Core Competencies
harsh environments
analysis
Industrial
Application
Extended
Temperature
Application
Harsh
Environment
Application
Standard Module
X
No NRE
Low Volume Entry
Modified Standard
XX
Low NRE
Low Volume Entry
Custom Module
XXX
Medium to High NRE
Low Volume Entry
Various solutions are proposed offering different cost and low volume of entry:
Dice
Solder
Joint
Material
CTE
Thermal
Density
(ppm/K)
conductivity
(g/cc)
(W/m.K)
Base plate
CuW
6.5
190
17
AlSiC
7
170
2.9
Cu
17
390
8.9
Substrate
Al
2O3
7
25
-
AlN
5
170
-
Si
3N4
3
60
-
Die
Si
4
136
-
SiC
2.6
270
-
CTE
Thermal
Rthjc
(ppm/K)
conductivity
(K/W)
(W/m.K)
Silicon Die (120 mm2)
4
136
Cu/Al
2O3
17/7
390/25
0.35
AlSiC/Al
2O3
7/7
170/25
0.38
Cu/AlN
17/5
390/170
0.28
AlSiC/AlN
7/5
170/170
0.31
AlSiC/Si
3N4
7/3
170/60
0.31
DBC
Substrate
Solder
Joint
Base
Plate
More closely matched materials TCE’s increase the
module life time because it will result in much less
stress at the interface of the materials and inside the
materials.
The higher the thermal conductivity, the lower is the
junction to case thermal resistance and the lower
will be the delta of junction temperature of the
device during operation such that the effect of power
cycling on the dice will be minimized.
Another important feature is the material density
particularly for the baseplate. Taking copper as
the reference, Alsic has a density of 1/3 while Cuw
has twice the density. Therefore AlSiC will provide
substantial weight reduction at the same time as
reliability increase.
Module performance and
reliability depends on the choice
of the assembly materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com