Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP802 Datasheet(PDF) 45 Page - Microchip Technology

Part # DSPIC33FJ64GP802
Description  16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP802 Datasheet(HTML) 45 Page - Microchip Technology

Back Button DSPIC33FJ64GP802 Datasheet HTML 41Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 42Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 43Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 44Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 45Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 46Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 47Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 48Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 436 page
background image
TABLE 4-4:
INTERRUPT CONTROLLER REGISTER MAP
SFR
Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
INTCON1 0080
NSTDIS
OVAERR
OVBERR COVAERR COVBERR OVATE
OVBTE
COVTE SFTACERR DIV0ERR DMACERR MATHERR ADDRERR STKERR OSCFAIL
—
0000
INTCON2 0082
ALTIVT
DISI
—
—
—
—
—
—
—
—
—
—
—
INT2EP
INT1EP INT0EP
0000
IFS0
0084
—
DMA1IF
AD1IF
U1TXIF
U1RXIF
SPI1IF
SPI1EIF
T3IF
T2IF
OC2IF
IC2IF
DMA0IF
T1IF
OC1IF
IC1IF
INT0IF
0000
IFS1
0086
U2TXIF
U2RXIF
INT2IF
T5IF
T4IF
OC4IF
OC3IF
DMA2IF
IC8IF
IC7IF
—
INT1IF
CNIF
CMIF
MI2C1IF SI2C1IF
0000
IFS2
0088
—
DMA4IF
PMPIF
—
—
—
—
—
—
—
—
DMA3IF
C1IF(1)
C1RXIF(1)
SPI2IF
SPI2EIF 0000
IFS3
008A
—
RTCIF
DMA5IF
DCIIF
DCIEIF
—
—
—
—
—
—
—
—
—
—
—
0000
IFS4
008C DAC1LIF(2) DAC1RIF(2)
—
—
—
—
—
—
—C1TXIF(1)
DMA7IF
DMA6IF
CRCIF
U2EIF
U1EIF
—
0000
IEC0
0094
—
DMA1IE
AD1IE
U1TXIE
U1RXIE
SPI1IE
SPI1EIE
T3IE
T2IE
OC2IE
IC2IE
DMA0IE
T1IE
OC1IE
IC1IE
INT0IE
0000
IEC1
0096
U2TXIE
U2RXIE
INT2IE
T5IE
T4IE
OC4IE
OC3IE
DMA2IE
IC8IE
IC7IE
—
INT1IE
CNIE
CMIE
MI2C1IE SI2C1IE 0000
IEC2
0098
—
DMA4IE
PMPIE
—
—
—
—
—
—
—
—
DMA3IE
C1IE(1)
C1RXIE(1)
SPI2IE
SPI2EIE 0000
IEC3
009A
—
RTCIE
DMA5IE
DCIIE
DCIEIE
—
—
—
—
—
—
—
—
—
—
—
0000
IEC4
009C DAC1LIE(2) DAC1RIE(2)
—
—
—
—
—
—
—C1TXIE(1)
DMA7IE
DMA6IE
CRCIE
U2EIE
U1EIE
—
0000
IPC0
00A4
—
T1IP<2:0>
—OC1IP<2:0>
—IC1IP<2:0>
—
INT0IP<2:0>
4444
IPC1
00A6
—
T2IP<2:0>
—OC2IP<2:0>
—IC2IP<2:0>
—
DMA0IP<2:0>
4444
IPC2
00A8
—
U1RXIP<2:0>
—
SPI1IP<2:0>
—
SPI1EIP<2:0>
—
T3IP<2:0>
4444
IPC3
00AA
—
—
—
—
—
DMA1IP<2:0>
—
AD1IP<2:0>
—
U1TXIP<2:0>
0444
IPC4
00AC
—
CNIP<2:0>
—
CMIP<2:0>
—
MI2C1IP<2:0>
—
SI2C1IP<2:0>
4444
IPC5
00AE
—IC8IP<2:0>
—IC7IP<2:0>
—
—
—
—
—
INT1IP<2:0>
4404
IPC6
00B0
—
T4IP<2:0>
—OC4IP<2:0>
—OC3IP<2:0>
—
DMA2IP<2:0>
4444
IPC7
00B2
—
U2TXIP<2:0>
—
U2RXIP<2:0>
—
INT2IP<2:0>
—
T5IP<2:0>
4444
IPC8
00B4
—
C1IP<2:0>(1)
—
C1RXIP<2:0>(1)
—
SPI2IP<2:0>
—
SPI2EIP<2:0>
4444
IPC9
00B6
—
—
—
—
—
—
—
—
—
—
—
—
—
DMA3IP<2:0>
0004
IPC11
00BA
—
—
—
—
—
DMA4IP<2:0>
—
PMPIP<2:0>
—
—
—
—
0440
IPC14
00C0
—
DCIEIP<2:0>
—
—
—
—
—
—
—
—
—
—
—
—
4000
IPC15
00C2
—
—
—
—
—RTCIP<2:0>
—
DMA5IP<2:0>
—
DCIIP<2:0>
0444
IPC16
00C4
—
CRCIP<2:0>
—
U2EIP<2:0>
—
U1EIP<2:0>
—
—
—
—
4440
IPC17
00C6
—
—
—
—
—
C1TXIP<2:0>(1)
—
DMA7IP<2:0>
—
DMA6IP<2:0>
0444
IPC19
00CA
—DAC1LIP<2:0>(2)
—
DAC1RIP<2:0>(2)
—
—
—
—
—
—
—
—
4400
INTTREG 00E0
—
—
—
—ILR<3:0>>
—
VECNUM<6:0>
4444
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Interrupts disabled on devices without ECAN™ modules.
2:
Interrupts disabled on devices without Audio DAC modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com