Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP802 Datasheet(PDF) 17 Page - Microchip Technology

Part # DSPIC33FJ64GP802
Description  16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP802 Datasheet(HTML) 17 Page - Microchip Technology

Back Button DSPIC33FJ64GP802 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 436 page
background image
© 2007-2012 Microchip Technology Inc.
DS70292G-page 17
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
AVSS
P
P
No
Ground reference for analog modules.
VDD
P
—
No
Positive supply for peripheral logic and I/O pins.
VCAP
P
—
No
CPU logic filter capacitor connection.
Vss
P
—
No
Ground reference for logic and I/O pins.
VREF+
I
Analog
No
Analog voltage reference (high) input.
VREF-
I
Analog
No
Analog voltage reference (low) input.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
PPS
Description
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
PPS = Peripheral Pin Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com