Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8557ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8557ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8557ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8557
Rev. C | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
COMMON-MODE VOLTAGE (V)
20
20
15
10
5
0
5
10
15
0
1
2
3
4
5
VSY = 5V
–40°C
+125°C
+25°C
Figure 4. Input Offset Voltage vs. Common-Mode Voltage, VSY = 5 V
COMMON-MODE VOLTAGE (V)
10
10
8
6
4
2
0
2
4
6
8
0
0.5
1.0
1.5
2.0
2.5
VSY = 2.7V
+25°C
–40°C
+125°C
Figure 5. Input Offset Voltage vs. Common-Mode Voltage, VSY = 2.7 V
INPUT OFFSET VOLTAGE (µV )
0
20
40
60
80
100
120
140
160
2
4
0
2
6
8
10
4
6
8
10
180
Figure 6. Input Offset Voltage Distribution, VSY = 5 V
INPUT OFFSET VOLTAGE (µV)
0
20
40
60
80
100
120
140
160
2
4
0
2
6
8
10
4
6
8
10
180
Figure 7. Input Offset Voltage Distribution, VSY = 2.7 V
TEMPERATURE (°C)
15
10
5
0
5
10
25
50
0
25
50
15
5V
2.7V
75
100
125
150
175
Figure 8. Input Offset Voltage vs. Temperature
TCVOS (nV/°C)
0
5
10
15
20
25
0
5
30
10
15
20
25
30
35
40
45
50
55
60
65
Figure 9. TCVOS at VSY = 5 V, −40°C ≤TA ≤ +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com