Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ128GP310 Datasheet(PDF) 239 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 239 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 235Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 236Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 237Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 238Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 239Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 240Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 241Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 242Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 286 page
background image
© 2007 Microchip Technology Inc.
DS70175F-page 237
PIC24HJXXXGPX06/X08/X10
TABLE 23-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC20d
24
29
mA
-40°C
3.3V
10 MIPS
DC20
27
30
mA
+25°C
DC20a
27
31
mA
+85°C
DC21d
36
42
mA
-40°C
3.3V
16 MIPS
DC21
37
42
mA
+25°C
DC21a
38
43
mA
+85°C
DC22d
43
50
mA
-40°C
3.3V
20 MIPS
DC22
46
51
mA
+25°C
DC22a
46
52
mA
+85°C
DC23d
61
70
mA
-40°C
3.3V
30 MIPS
DC23
65
70
mA
+25°C
DC23a
65
71
mA
+85°C
DC24d
83
88
mA
-40°C
3.3V
40 MIPS
DC24
84
88
mA
+25°C
DC24a
84
89
mA
+85°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as inputs and pulled to VSS.
MCLR = VDD, WDT and FSCM are disabled. CPU, SRAM, program memory and data memory are
operational. No peripheral modules are operating; however, every peripheral is being clocked (PMD bits
are all zeroed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com