Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ128GP310 Datasheet(PDF) 241 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 241 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 237Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 238Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 239Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 240Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 241Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 242Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 243Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 244Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 286 page
background image
© 2007 Microchip Technology Inc.
DS70175F-page 239
PIC24HJXXXGPX06/X08/X10
TABLE 23-8:
DC CHARACTERISTICS: DOZE CURRENT (IDOZE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Parameter No.
Typical(1)
Max
Doze
Ratio
Units
Conditions
DC73a
25
32
1:2
mA
-40°C
3.3V
40 MIPS
DC73f
23
27
1:64
DC73g
23
26
1:128
DC70a
42
47
1:2
mA
+25°C
DC70f
26
27
1:64
DC70g
25
27
1:128
DC71a
41
48
1:2
mA
+85°C
DC71f
25
28
1:64
DC71g
24
28
1:128
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com