Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7106ACLW Datasheet(PDF) 14 Page - Microchip Technology

Part # TC7106ACLW
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106ACLW Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC7106ACLW Datasheet HTML 10Page - Microchip Technology TC7106ACLW Datasheet HTML 11Page - Microchip Technology TC7106ACLW Datasheet HTML 12Page - Microchip Technology TC7106ACLW Datasheet HTML 13Page - Microchip Technology TC7106ACLW Datasheet HTML 14Page - Microchip Technology TC7106ACLW Datasheet HTML 15Page - Microchip Technology TC7106ACLW Datasheet HTML 16Page - Microchip Technology TC7106ACLW Datasheet HTML 17Page - Microchip Technology TC7106ACLW Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
TC7106/A/TC7107/A
DS21455D-page 14
© 2008 Microchip Technology Inc.
7.0
COMPONENT VALUE
SELECTION
7.1
Auto-Zero Capacitor (CAZ)
The CAZ capacitor size has some influence on system
noise. A 0.47 µF capacitor is recommended for 200 mV
full scale applications where 1LSB is 100 µV. A
0.047 µF capacitor is adequate for 2.0V full scale
applications. A mylar type dielectric capacitor is
adequate.
7.2
Reference Voltage Capacitor
(CREF)
The reference voltage used to ramp the integrator out-
put voltage back to zero during the reference integrate
cycle is stored on CREF. A 0.1 µF capacitor is
acceptable when VIN- is tied to analog common. If a
large Common mode voltage exists (VREF- – analog
common) and the application requires 200 mV full
scale, increase CREF to 1.0 µF. Rollover error will be
held to less than 1/2 count. A mylar dielectric capacitor
is adequate.
7.3
Integrating Capacitor (CINT)
CINT should be selected to maximize the integrator
output voltage swing without causing output saturation.
Due to the TC7106A/TC7107A superior temperature
coefficient specification, analog common will normally
supply the differential voltage reference. For this case,
a ±2V full scale integrator output swing is satisfactory.
For 3 readings/second (FOSC = 48 kHz), a 0.22 µF
value is suggested. If a different oscillator frequency is
used, CINT must be changed in inverse proportion to
maintain the nominal ±2V integrator swing.
An exact expression for CINT is:
EQUATION 7-1:
CINT must have low dielectric absorption to minimize
rollover
error.
A
polypropylene
capacitor
is
recommended.
7.4
Integrating Resistor (RINT)
The input buffer amplifier and integrator are designed
with class A output stages. The output stage idling
current is 100 µA. The integrator and buffer can supply
20 µA drive currents with negligible linearity errors.
RINT is chosen to remain in the output stage linear drive
region, but not so large that printed circuit board
leakage currents induce errors. For a 200 mV full scale,
RINT is 47 kΩ. 2.0V full scale requires 470 kΩ.
TABLE 7-1:
COMPONENT VALUES AND
NOMINAL FULL SCALE
VOLTAGE
7.5
Oscillator Components
ROSC (Pin 40 to Pin 39) should be 100 kΩ. COSC is
selected using the equation:
EQUATION 7-2:
Note that FOSC is divided by four to generate the
TC7106A internal control clock. The backplane drive
signal is derived by dividing FOSC by 800.
To achieve maximum rejection of 60 Hz noise pickup,
the signal integrate period should be a multiple of
60 Hz. Oscillator frequencies of 240 kHz, 120 kHz,
80 kHz, 60 kHz, 48 kHz, 40 kHz, etc. should be
selected. For 50 Hz rejection, oscillator frequencies of
200 kHz, 100 kHz, 66-2/3 kHz, 50 kHz, 40 kHz, etc.
would be suitable. Note that 40 kHz (2.5 readings/
second) will reject both 50 Hz and 60 Hz.
7.6
Reference Voltage Selection
A full scale reading (2000 counts) requires the input
signal be twice the reference voltage.
Where:
FOSC
=
Clock Frequency at Pin 38
VFS
=
Full Scale Input Voltage
RINT
=
Integrating Resistor
VINT
=
Desired Full Scale Integrator Output
Swing
C
INT
4000
()
1
F
OSC
-------------
⎝⎠
⎛⎞ VFS
R
INT
-----------
⎝⎠
⎛⎞
V
INT
------------------------------------------------------
=
Component
Value
Nominal Full Scale Voltage
200.0 mV
2.000V
CAZ
0.47 µF
0.047 µF
RINT
47 k
Ω
470 k
Ω
CINT
0.22 µF
0.22 µF
Note:
FOSC = 48 kHz (3 readings per sec).
Required Full Scale Voltage*
VREF
200.0 mV
100.0 mV
2.000V
1.000V
*VFS = 2VREF
F
OSC
0.45
RC
----------
=
Where:
FOSC
=48 kHz
COSC
=
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com